Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSC31050 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSC31050
Description  Advanced Differential Sensor Signal Conditioner
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31050 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSC31050 Datasheet HTML 7Page - Integrated Device Technology ZSC31050 Datasheet HTML 8Page - Integrated Device Technology ZSC31050 Datasheet HTML 9Page - Integrated Device Technology ZSC31050 Datasheet HTML 10Page - Integrated Device Technology ZSC31050 Datasheet HTML 11Page - Integrated Device Technology ZSC31050 Datasheet HTML 12Page - Integrated Device Technology ZSC31050 Datasheet HTML 13Page - Integrated Device Technology ZSC31050 Datasheet HTML 14Page - Integrated Device Technology ZSC31050 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
ZSC31050 Datasheet
© 2017 Integrated Device Technology, Inc.
11
February 13, 2017
1.5 Interface Characteristics
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.5.1
Multiport Serial Interfaces (I2C, SPI)
1.5.1.1
Input high level [a]
VI2C_IN_H
0.7
1
VDDA
-
5.5
V DC
1.5.1.2
Input low level
VI2C_IN_L
0
0.3
VDDA
1.5.1.3
Output low level
VI2C_OUT_L
0.1
VDDA
1.5.1.4
Load capacitance at the
SDA pin
CSDA
400
pF
1.5.1.5
Clock frequency at the
SCL pin [b]
fSCL
fCLK ≥ 2MHz
400
kHz
1.5.1.6
Pull-up resistor
RI2C_PU
500
1.5.1.7
Input capacitance
(each pin)
CI2C_IN
Also valid for SPI.
10
pF
1.5.2
One-Wire Serial Interface (ZACwire™)
1.5.2.1
OWI start window
tOWI_start
20
ms
1.5.2.2
Pull-up resistance master
ROWI_PU
330
1.5.2.3
OWI load capacitance
COWI_LOAD
20
s < tOWI_BIT < 100s
0.08
tOWI_BIT /
ROWI_PU
1.5.2.4
Voltage level low
VOWI_L
0.2
VDDA
1.5.2.5
Voltage level high
VOWI_H
0.75
VDDA
[a] The maximum value in V DC is independent from VDDA in I2C Mode.
[b] Internal clock frequency fCLK must be at least 5 times higher than the communication clock frequency.


Similar Part No. - ZSC31050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31050 ETC2-ZSC31050 Datasheet
730Kb / 32P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
   Advanced Differential Sensor Signal Conditioner
ZSC31050 RENESAS-ZSC31050 Datasheet
821Kb / 31P
   Advanced Differential Sensor Signal Conditioner
January 14, 2022
logo
List of Unclassifed Man...
ZSC31050FEB ETC2-ZSC31050FEB Datasheet
730Kb / 32P
   Advanced Differential Sensor Signal Conditioner
ZSC31050FEC ETC2-ZSC31050FEC Datasheet
730Kb / 32P
   Advanced Differential Sensor Signal Conditioner
More results

Similar Description - ZSC31050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31050 ETC2-ZSC31050 Datasheet
730Kb / 32P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
   Advanced Differential Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31050D ZMD-ZMD31050D Datasheet
328Kb / 20P
   Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050 Datasheet
431Kb / 20P
   Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050_09 Datasheet
423Kb / 23P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050_V01 Datasheet
821Kb / 31P
   Advanced Differential Sensor Signal Conditioner
January 14, 2022
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com