Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIN47223 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # DIN47223
Description  ATTENUATOR PLUG/JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

DIN47223 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  DIN47223 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG DIN47223 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
7/16
50
ATTENUATOR PLUG/JACK
60AS120-K30N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-4, VG 95250, EN 122190, DIN 47223
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact - plug
Brass
Silver, 3-6 µm
Center contact - jack
Beryllium copper Silver, 3-6 µm
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Heatsink
Al
black anodised
Coupling nut
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PPE
Substrate
ALN


Similar Part No. - DIN47223

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
DIN47223 ROSENBERGER-DIN47223 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
DIN47223 ROSENBERGER-DIN47223 Datasheet
79Kb / 2P
   RPC-N 50W Jack ??7/16 50W Jack
DIN47223 ROSENBERGER-DIN47223 Datasheet
847Kb / 3P
   Calibration Kit
DIN47223 ROSENBERGER-DIN47223 Datasheet
82Kb / 2P
   7/16 PANEL JACK
DIN47223 ROSENBERGER-DIN47223 Datasheet
40Kb / 2P
   ADAPTOR
More results

Similar Description - DIN47223

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60AS105-K03N1 ROSENBERGER-60AS105-K03N1 Datasheet
156Kb / 2P
   ATTENUATOR PLUG/JACK
60AS105-K20N1 ROSENBERGER-60AS105-K20N1 Datasheet
159Kb / 2P
   ATTENUATOR PLUG/JACK
03AS102-K03S3 ROSENBERGER-03AS102-K03S3 Datasheet
545Kb / 2P
   Attenuator Plug/Jack
05AS102-K03S3 ROSENBERGER-05AS102-K03S3 Datasheet
158Kb / 2P
   Attenuator Plug/Jack
60AS105-K30N1 ROSENBERGER-60AS105-K30N1 Datasheet
158Kb / 2P
   ATTENUATOR PLUG/JACK
60AS110-K20N1 ROSENBERGER-60AS110-K20N1 Datasheet
163Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K03N1 ROSENBERGER-60AS120-K03N1 Datasheet
164Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K10N1 ROSENBERGER-60AS120-K10N1 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K20N1 ROSENBERGER-60AS120-K20N1 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
03AS102-K30S3 ROSENBERGER-03AS102-K30S3 Datasheet
532Kb / 2P
   Attenuator plug/jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com