Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C931U472MZSDAA7317 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C931U472MZSDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C931U472MZSDAA7317 Datasheet(HTML) 2 Page - Kemet Corporation

  C931U472MZSDAA7317 Datasheet HTML 1Page - Kemet Corporation C931U472MZSDAA7317 Datasheet HTML 2Page - Kemet Corporation C931U472MZSDAA7317 Datasheet HTML 3Page - Kemet Corporation C931U472MZSDAA7317 Datasheet HTML 4Page - Kemet Corporation C931U472MZSDAA7317 Datasheet HTML 5Page - Kemet Corporation C931U472MZSDAA7317 Datasheet HTML 6Page - Kemet Corporation C931U472MZSDAA7317 Datasheet HTML 7Page - Kemet Corporation C931U472MZSDAA7317 Datasheet HTML 8Page - Kemet Corporation C931U472MZSDAA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017
2
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Packaging C-Spec Ordering Options Table
Packaging Type
Lead Length
(mm)2,3
Packaging
Ordering Code (C-Spec)
Ammo Pack
20.0+1.5/−1.0 (straight leads)
18.0+2.0/−0 (preformed leads1)
7317
Bulk Bag
3.0±1.0
WL30
3.5±1.0
WL35
4.0±1.0
WL40
4.5±1.0
WL45
5.0±1.0
WL50
20.0 minimum4
WL20
1
Preformed (crimped) lead configurations include vertical kink, outside kink and inside kink. See "Lead Configurations" and "Ordering Information"
sections of this document for further details.
2
"Vertical Kink", "Outside Kink" and "Inside Kink" lead configurations cannot be combined with the bulk/20 mm lead length option (WL20). 20 mm lead
length is only available on capacitors with straight leads (lead configuration ordering code "A"). For nonstandard lead length inquiries, please contact
KEMET.
3
For nonstandard lead length inquiries, please contact KEMET.
4
Lead length of 20.0 mm minimum only available for straight leads.
Benefits
• Safety Standard Recognized (IEC 60384–14)
• Reliable operation up to 125°C
• Class X1/Y2
• 7.5 mm and 10 mm lead spacing
• Lead (Pb)-free and RoHS Compliant
• Halogen free
• Capacitance offerings ranging from 10 pF up to 10 nF
• Available capacitance tolerances of ±5%, ±10% and ±20%
• High reliability
• Preformed (crimped) or straight lead configurations
• Non-polar device, minimizing installation concerns
• Encapsulation meets flammability standard UL 94V–0
Applications
Typical applications include:
• Line-to-line (Class X) filtering
• Line-to-ground (Class Y) filtering
• Antenna coupling
• Primary and secondary coupling (switching power supplies)
• Line disturbances suppression (motors and motor controls, relays, switching power supplies, and inverters)


Similar Part No. - C931U472MZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C931U101JVSDBA7317 KEMET-C931U101JVSDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C931U101JVSDCA7317 KEMET-C931U101JVSDCA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C931U101JVVDAA7317 KEMET-C931U101JVVDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C931U101JVVDBA7317 KEMET-C931U101JVVDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
More results

Similar Description - C931U472MZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com