Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C947U472JZSDAA7317 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C947U472JZSDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C947U472JZSDAA7317 Datasheet(HTML) 1 Page - Kemet Corporation

  C947U472JZSDAA7317 Datasheet HTML 1Page - Kemet Corporation C947U472JZSDAA7317 Datasheet HTML 2Page - Kemet Corporation C947U472JZSDAA7317 Datasheet HTML 3Page - Kemet Corporation C947U472JZSDAA7317 Datasheet HTML 4Page - Kemet Corporation C947U472JZSDAA7317 Datasheet HTML 5Page - Kemet Corporation C947U472JZSDAA7317 Datasheet HTML 6Page - Kemet Corporation C947U472JZSDAA7317 Datasheet HTML 7Page - Kemet Corporation C947U472JZSDAA7317 Datasheet HTML 8Page - Kemet Corporation C947U472JZSDAA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017
1
One world. One KEMET
Overview
KEMET’s 900 Series encapsulated radial leaded ceramic
disc capacitors are specifically designed for interference-
suppression AC line filtering applications. Having interna-
tionally recognized safety certifications, these capacitors
are well-suited for applications that require keeping poten-
tially disruptive or damaging line transients and EMI out
of susceptible equipment. They are also an ideal solution
in situations where there is a need to suppress line distur-
bances at the source.
Safety Certified Capacitors are classified as either X and/or
Y capacitors. Class X capacitors are primarily used in line-to-
line (across-the-line) applications. In this application there is
no danger of electric shock to humans should the capacitor
fail, but could result in a risk of fire. The class Y capacitor is
primarily used in line-to-ground (line by-pass) applications. In
this application, failure of the capacitor could lead to danger
of electric shock.
With a working voltage of 440 VAC in line-to-line (Class X)
and 300 VAC in line-to-ground (Class Y) applications, these
safety capacitors meet the impulse test criteria outlined in
IEC Standard 60384. Meeting subclass X1 and Y2 require-
ments, these devices are certified to withstand impulses up
to 4 KV (X1) and 5 KV (Y2) respectively. These encapsulated
devices also meet the flame test requirements outlined in UL
Standard 94V–0.
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated,
AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Ordering Information
C9
7
1
U
472
M
Z
W
D
A
A
7317
Ceramic
Series
Body
Diameter
Lead
Spacing1,2,4
Spec.
Capacitance
Code (pF)
Capacitance
Tolerance
Rated
Voltage
Dielectric/
Temp. Char.
Design
Lead
Config.1,3,4
Failure
Rate
Packaging
(C-Spec)
C9 =
Ceramic
900
Series
0 = 7.0 mm
1 = 8.0 mm
2 = 9.0 mm
3 = 10.0 mm
4 = 11.0 mm
6 = 13.0 mm
8 = 15.0 mm
7 = 7.5 mm
1 = 10.0
mm
U =
Safety
Two
significant
digits and
number of
zeroes
J = ±5%
K = ±10%
M = ±20%
Z = X1
440 VAC
/Y2 300
VAC
S = SL
Y = Y5P
W = Y5U
V = Y5V
D =
Disc
A = Straight
B = Vertical
Kink
C = Outside
Kink
D = Inside
Kink
A =
N/A
See
"Packaging
C-Spec
Ordering
Options
Table"
below
1
Due to a high risk of arcing, "Inside Kink" lead configuration cannot be combined with the 5 mm lead spacing option. The "Inside Kink" option is only
available on capacitors with lead spacing of 7.5 mm or greater. A potential for arcing may exist when combining the "Inside Kink" lead configuration
with a 7.5mm lead spacing option, especially in high humidity environments and/or when exposure to voltages and transients may impact creepage and
clearance requirements.
2
Capacitor body diameter will limit available lead spacing and packaging options. See "Dimensions" and "Product Ordering Codes and Ratings" sections
of this document to determine availability.
3
"Vertical Kink", "Outside Kink" and "Inside Kink" lead configurations cannot be combined with the bulk/20 mm lead length option (WL20). 20 mm lead
length is only available on capacitors with straight leads (lead configuration ordering code "A"). For nonstandard lead length inquiries, please contact
KEMET.
4
Bulk packaging lead length availability is dependent upon "Lead Configuration" and "Lead Spacing." See "Dimensions" section of this document to
verify availability of a specific lead length option. For nonstandard lead length inquiries, please contact KEMET.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C947U472JZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C947U472MYVDBA7317 KEMET-C947U472MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 4700 pF, 20%, Y5V, Lead Spacing = 7.5mm
C947U472MZVDAAWL45 KEMET-C947U472MZVDAAWL45 Datasheet
55Kb / 1P
   Ceramic, Safety, C900_Z, 4700 pF, 20%, Y5V, Lead Spacing = 7.5mm
C947U472MZVDBA7317 KEMET-C947U472MZVDBA7317 Datasheet
57Kb / 1P
   Ceramic, Safety, C900_Z, 4700 pF, 20%, Y5V, Lead Spacing = 7.5mm
C947U472MZVDBA7317 KEMET-C947U472MZVDBA7317_17 Datasheet
57Kb / 1P
   Ceramic, Safety, C900_Z, 4700 pF, 20%, Y5V, Lead Spacing = 7.5mm
More results

Similar Description - C947U472JZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com