Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTR16D1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VTR16D1
Description  Reflective Optoswitch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VTR16D1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VTR16D1 Datasheet HTML 1Page - List of Unclassifed Manufacturers VTR16D1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
ELECTRO-OPTICAL CHARACTERISTICS @ 25°C (See also curves, pages 20-22)
Notes:
1. The case material is polysulfone and should be cleaned with alcohol or freon TF only. Avoid chlorinated hydrocarbons and
solvents such as acetone or toluene, as damage may result.
2. The light current is measured using a 90% reflective surface at the specified distance from Ref. A (refer to Package Dimension
Outline on previous page).
3. The dark current is measured with the part totally shielded from ambient light. With 2150 lux (200 fc) from a cool white
fluorescent lamp perpendicular to the sensing axis, the detector current will be typically 3 µA for VTR16D1. The same
illumination concentric to the sensing axis will result in a detector current of 50 µA for VTR16D1. Equivalent light from an
incandescent lamp will result in significantly greater currents.
4. With the specified IRED forward current and no reflecting surface, the crosstalk is typically less than 3 µA for VTR16D1.
5. VTR16D1 accommodates most applications.
PART NO.
(1) (5)
LIGHT CURRENT, IP
(2)
DARK CURRENT (3) (4)
OUTPUT ELEMENT
DETECTOR DEVICE
mA Min.
Test Conditions
µA Max.
Test Conditions
IF mA
VCE Volts
d
inches (mm)
IF mA
VCE Volts
VTR16D1
0.3
20
5
0.10 (2.5)
0.1
0
5
Phototransistor
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto


Similar Part No. - VTR16D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VTR16D1H ETC2-VTR16D1H Datasheet
3Mb / 44P
   Photon detection for tomorrows cutting-edge applications.
More results

Similar Description - VTR16D1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-105F KODENSHI-SG-105F Datasheet
284Kb / 2P
   Photointerrupters(Reflective)
logo
Panasonic Semiconductor
CNB1303 PANASONIC-CNB1303 Datasheet
48Kb / 2P
   Reflective Photosensor
CNZ2153 PANASONIC-CNZ2153 Datasheet
91Kb / 3P
   Reflective Photosensor
logo
Everlight Electronics C...
ITR9907 EVERLIGHT-ITR9907 Datasheet
274Kb / 8P
   Reflective Interrupter
logo
Omron Electronics LLC
EE-SY310 OMRON-EE-SY310 Datasheet
221Kb / 4P
   Photomicrosensor (Reflective)
EE-SY171 OMRON-EE-SY171 Datasheet
241Kb / 4P
   Photomicrosensor (Reflective)
EE-SY110 OMRON-EE-SY110 Datasheet
252Kb / 4P
   Photomicrosensor (Reflective)
logo
OSRAM GmbH
SFH-9202 OSRAM-SFH-9202 Datasheet
297Kb / 15P
   Reflective Interrupter
logo
Honeywell Accelerometer...
HOA2498-002 HONEYWELL-ACC-HOA2498-002 Datasheet
419Kb / 4P
   Reflective Sensor
logo
Omron Electronics LLC
EE-SF5 OMRON-EE-SF5 Datasheet
722Kb / 4P
   Photomicrosensor (Reflective)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com