Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INI-7100-UTP Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # INI-7100-UTP
Description  Intelligent Network Interface Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

INI-7100-UTP Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  INI-7100-UTP Datasheet HTML 1Page - Gamewell-FCI by Honeywell INI-7100-UTP Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0530 Rev. J page 2 of 2
www.gamewell-fci.com
Technical Layout-
Network Features
Each 7100 series fire alarm control panel retains all the
features of a standard 7100 panel, providing two signaling
line circuits supporting up to 394 addressable devices, two
notification appliance circuits, an optional digital alarm
communicator transmitter, etc. (See 9020-0044 for
details).
In addition, the network can be divided into regions. Each
region can contain one or more 7100 panels. Annunciation
of events within a particular region can be limited to just
the alphanumeric LCD displays of the 7100 systems that
are members of that region. This is useful for multiple-
building applications where each building would constitute
its own region. Any INI-7100 module can be designated as
a global annunciator to annunciate events from all network
nodes.
Ordering Information
Part Number
Description
INI-7100-UTP
Intelligent Network Interface
Module Unshielded, Twisted-pair
INI-7100-FO
Intelligent Network Interface
Module Fiber-Optic
W1
RS-232-Supervision must be installed
W3-
Ground Fault Supervision
Jumper IN to enable supervision for ground faults
on the COM 1 wires connected to Terminals TB1-1
and TB1-2 Jumper OUT for no ground fault super-
vision. (Note: Remove for fiber-optic connections)
SW1- Network ID switch, binary. Must be set to
Addresses 1 through 64. Address 0 (zero) is not a
valid address
Specifications
Operating Voltage:
24 VDC
(through connection between
INI-7100 P2 and 7100 BSM J2)
Operating Current:
0.040 amps. (All modes)
Operating
Temperature:
30° to 120° F (0° to 49° C)
Relative Humidity:
85% max., non-condensing at
90° F (32° C)
Dimensions:
7 1/2” W x 4” H x 3/4” D inches
(19 W x 10 H x 1.8 cm)
Wiring Specifications:
Copper Wire:
16 to 18 AWG twisted-pair,
unshielded. Up to 3,000 feet
(914.4 m) between each node.
INI-7100-FO only:
Up to 200 microns (optimized for
62.5/125 microns). Up to 8 dB loss
between each node.
PS-
RS-232 port. Connects to the 7100 Basic System
Module connector J2 (includes power connection)
TB1- Terminals 1 and 2 are Channel 1 COM1A &
COM1B
Terminals 3 and 4 are Channel 2 COM2A &
COM2B
TX1- Fiber-optic transmitter for Channel 1
RX1
Fiber-optic receiver for Channel 1
TX2- Fiber-optic transmitter for Channel 2
RX2- Fiber-optic receiver for Channel 2
1
2
34
GA M E W E L L -F C I
U7
F IB E R-O P T IC CONN E C T O RS O P T IONA L
W3
P2
R S 232
GR N
SUPR V
J6
J7
1 2 3 4 5 6 7
ON
8
IN I-71 00 P C B
TB 1
TX 2 R X2
W1
SW 1
(N O T E : T H E BO AR D M O U N T S
UPS IDE -D OW N IN T H E CAB IN E T ).
J1
J4
LE D 2 LE D 4 LE D6 LE D 8
M RC TX
RX 2
D G
LE D1 LE D3 LE D5 LE D7
REC
DUP RX 1
RS T
Figure 1 INI-7100


Similar Part No. - INI-7100-UTP

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
INI-7100-UTP GAMEWELL-FCI-INI-7100-UTP Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
More results

Similar Description - INI-7100-UTP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
115-T-7121TPA HYNIX-115-T-7121TPA Datasheet
180Kb / 12P
   Digital Satellite Network Interface Module
logo
Gamewell-FCI by Honeywe...
INX GAMEWELL-FCI-INX Datasheet
444Kb / 4P
   Intelligent Network Transponder
logo
List of Unclassifed Man...
U60 ETC2-U60 Datasheet
872Kb / 2P
   IzoTTM U60 FT Network Interface Module
logo
Prosoft-Technology
MVI69-MCM PROSOFT-MVI69-MCM Datasheet
405Kb / 3P
   Modbus Master/Slave Network Interface Module
logo
Gamewell-FCI by Honeywe...
INI-VGC GAMEWELL-FCI-INI-VGC_13 Datasheet
92Kb / 4P
   Intelligent Network Command Center
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com