Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI-9925-502 Datasheet(PDF) 1 Page - API Technologies Corp

Part # SCI-9925-502
Description  Hole must be free of all insulating materials
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SCI-9925-502 Datasheet(HTML) 1 Page - API Technologies Corp

  SCI-9925-502 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Minimum Insertion Loss (dB)
¦
SCI-9925-153
¦
SCI-9925-303
¦
SCI-9925-502
¦
SCI-9925-000
¦
SCI-9925-101
¦
SCI-9925-501
¦
SCI-9925-122
SCI-9925-272
This new knurled filter is designed to be pressed
into place and create a reliable mechanical bond. This
feature makes it an excellent selection for applications
where soldering is undesirable. Suitable plating is
available that allows gold bonding to the terminals.
Applications
These filters are ideal for microwave and RF applica-
tions such as attenuators, synthesizers, and oscillators.
They perform well in high impedance circuits where
large capacitance values are not practical.
Installation
s
.136" to .137" (3.45-3.48mm) diameter hole
s
Hole must be free of all insulating materials.
s
Installation tool must have a hole of sufficient depth
and diameter to accept the terminal of the filter.
s
Installation force must be applied gradually and
smoothly until the flange of the filter is seated against
the receiving part (request installation instructions).
Mechanical Specifications
Installation . . . . . . . . . . . . . Press-in
Plating . . . . . . . . . . . . . . . . Gold
Seal . . . . . . . . . . . . . . . . . . Glass sealed on one end,
. . . . . . . . . . . . . . . . . . . . . resin sealed on the other end
Termination Options . . . . . . Plating suitable for gold
. . . . . . . . . . . . . . . . . . . . . bonding
Operating Temperature . . . . -55°C to +125°C
50
50
100
200
200
200
200
200
Rated Voltage
125°C
I
Amp
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
Note: Parts are RoHS Compliant
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
1
MHz
1
1
1
1
1
1
1
1
5
5
5
5
5
5
5
5
0.015 µF +100%/-0%
0.030 µF +100%/-0%
5000 pF +100%/-0%
10 pF max.
100 pF +100%/-0%
500 pF +100%/-0%
1200 pF +100%/-0%
2700 pF +100%/-0%
7
10
25
30
15
5
10
30
35
20
10
18
40
45
30
3
15
20
25
40
50
35
10
22
28
33
60
55
45
10
20
35
35
40
60
55
55
10
28
40
45
50
Spec Mini-Press
9925 Series
Built and tested in accordance with MIL-F-15733.
.625
(15.88) ref.
.010
.002
(.254
.051)
.156
.005
dia.
(3.96
.127
dia.)
.143
.002
(3.63 .051)
.128
.005
dia.
(3.25 .127
dia.)
Glass Seal End
Straight Knurl,
160 D.P.
.110
.005
(2.79
.127)
.020
.005
(.508
.127)
.030
.002
dia.
(.762
.051
dia.)
Epoxy
Seal
Figure 1
.025
(0.635)
.250
.030
(6.35
.762)
Circuit Schematic
Output
Input
Ground
Dimensions in inches
(mm)
LP11
Insertion Tool
Part Number: SCI-9925-200


Similar Part No. - SCI-9925-502

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-9920-101 APITECH-SCI-9920-101 Datasheet
230Kb / 2P
   Miniature Solder-in Filters
SCI-9920-122 APITECH-SCI-9920-122 Datasheet
230Kb / 2P
   Miniature Solder-in Filters
SCI-9920-501 APITECH-SCI-9920-501 Datasheet
230Kb / 2P
   Miniature Solder-in Filters
More results

Similar Description - SCI-9925-502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3020-10-0300-00 ETC2-3020-10-0300-00 Datasheet
978Kb / 1P
   ALL MATERIALS MUST BE GP MATERIALS
logo
Tyco Electronics
411-18339 MACOM-411-18339 Datasheet
2Mb / 11P
   The operating manual must be constantly within reach of the tool.
412-18745 MACOM-412-18745 Datasheet
1Mb / 26P
   The operating manual must be constantly within reach of the tool.
logo
Taoglas antenna solutio...
TS.07.0113 TAOGLAS-TS.07.0113 Datasheet
2Mb / 30P
   Antenna must have a view of the Sky
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
2316200 PHOENIX-2316200 Datasheet
69Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
logo
Wurth Elektronik GmbH &...
749010013 WURTH-749010013 Datasheet
168Kb / 1P
   All 16 terminals must lie on a plane within 004 of surface A after lead tinning
logo
PHOENIX CONTACT
2701276 PHOENIX-2701276 Datasheet
42Kb / 2P
   Cover must be installed if Operator Panel is not used.
logo
Switchcraft, Inc.
S4263 SWITCH-S4263 Datasheet
71Kb / 2P
   INSULATING WASHER
logo
Alpha Wire
XHD11 ALPHAWIRE-XHD11 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com