Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA4040QWS Datasheet(PDF) 7 Page - Kingbright Corporation

Part # AA4040QWS
Description  Suitable for all SMD assembly and solder process
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA4040QWS Datasheet(HTML) 7 Page - Kingbright Corporation

  AA4040QWS Datasheet HTML 1Page - Kingbright Corporation AA4040QWS Datasheet HTML 2Page - Kingbright Corporation AA4040QWS Datasheet HTML 3Page - Kingbright Corporation AA4040QWS Datasheet HTML 4Page - Kingbright Corporation AA4040QWS Datasheet HTML 5Page - Kingbright Corporation AA4040QWS Datasheet HTML 6Page - Kingbright Corporation AA4040QWS Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPEC NO: DSAL0882
REV NO: V.4B
DATE: OCT/24/2016
PAGE: 7 OF 7
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1201006293
PACKING & LABEL SPECIFICATIONS
AA4040QWS/D
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - AA4040QWS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040QWS-D TO-GRACE-AA4040QWS-D Datasheet
865Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
AA4040QWS/D TO-GRACE-AA4040QWS/D Datasheet
865Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
More results

Similar Description - AA4040QWS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040VWD1S KINGBRIGHT-AA4040VWD1S Datasheet
304Kb / 7P
   Suitable for all SMD assembly and solder process
logo
Ningbo Foryard Optoelec...
FYLS-3528RGBC-CA FORYARD-FYLS-3528RGBC-CA Datasheet
496Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528URC FORYARD-FYLS-3528URC_12 Datasheet
498Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528PG2C FORYARD-FYLS-3528PG2C Datasheet
488Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UW2C FORYARD-FYLS-3528UW2C Datasheet
493Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UWC FORYARD-FYLS-3528UWC_12 Datasheet
506Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528BURC FORYARD-FYLS-3528BURC Datasheet
499Kb / 9P
   Suitable for all SMT assembly and soldering method
FYLS-3528BUBC FORYARD-FYLS-3528BUBC Datasheet
526Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UYC FORYARD-FYLS-3528UYC_12 Datasheet
498Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528BPGC FORYARD-FYLS-3528BPGC Datasheet
529Kb / 9P
   Suitable for all SMT assembly and soldering method
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com