Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMMBTA56WT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SMMBTA56WT1G
Description  Driver Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBTA56WT1G Datasheet(HTML) 3 Page - ON Semiconductor

  SMMBTA56WT1G Datasheet HTML 1Page - ON Semiconductor SMMBTA56WT1G Datasheet HTML 2Page - ON Semiconductor SMMBTA56WT1G Datasheet HTML 3Page - ON Semiconductor SMMBTA56WT1G Datasheet HTML 4Page - ON Semiconductor SMMBTA56WT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBTA56W, SMMBTA56W
http://onsemi.com
3
Figure 2. Current−Gain — Bandwidth Product
Figure 3. Capacitance
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
-100
-200
-10
200
100
70
50
20
VR, REVERSE VOLTAGE (VOLTS)
-1.0
-100
-0.1
100
70
50
30
20
10
-2.0
VCE = -2.0 V
TJ = 25°C
-2.0 -3.0
-5.0 -7.0
-20
-30
-50 -70
30
7.0
5.0
-0.2
-0.5
-5.0
-10
-20
-50
TJ = 25°C
Cibo
Cobo
IC, COLLECTOR CURRENT (mA)
-10
-5.0
500
200
100
50
20
10
-100
-50
-200
-500
1.0 k
300
700
70
30
-7.0
-300
-70
-20 -30
VCC = -40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td @ VBE(off) = -0.5 V
Figure 5. Active−Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
-10
-50
-1.0
-500
-200
-100
-50
-20
-10
-20
-2.0
-5.0
-1.0 k
1.0 ms
1.0 s
TA = 25°C
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
100
ms
TC = 25°C
-3.0
-7.0
-30
-100
-70
-30
-70
-300
-700
Figure 6. DC Current Gain
-2.0
-500
-0.5
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
-10
TJ = 125°C
-1.0
-5.0
VCE = -1.0 V
-20
-100
-50
-200
25
°C
-55
°C
Figure 7. “ON” Voltages
-10
-500
-1.0
IC, COLLECTOR CURRENT (mA)
-1.0
-0.8
-0.6
-0.4
-0.2
0
-100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = -1.0 V
-0.5
-2.0
-5.0
-200
-20
-50


Similar Part No. - SMMBTA56WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBTA56L ONSEMI-SMMBTA56L Datasheet
177Kb / 7P
   Driver Transistors
April, 2018 - Rev. 9
SMMBTA56LT1G ONSEMI-SMMBTA56LT1G Datasheet
113Kb / 5P
   Driver Transistors
November, 2011 ??Rev. 7
SMMBTA56LT1G ONSEMI-SMMBTA56LT1G Datasheet
154Kb / 5P
   Driver Transistors
October, 2016 ??Rev. 8
SMMBTA56LT1G ONSEMI-SMMBTA56LT1G Datasheet
177Kb / 7P
   Driver Transistors
April, 2018 - Rev. 9
SMMBTA56LT3G ONSEMI-SMMBTA56LT3G Datasheet
113Kb / 5P
   Driver Transistors
November, 2011 ??Rev. 7
More results

Similar Description - SMMBTA56WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS64LT1G ONSEMI-BSS64LT1G Datasheet
113Kb / 3P
   Driver Transistor
August, 2009 ??Rev. 5
logo
SeCoS Halbleitertechnol...
MMBTA55 SECOS-MMBTA55_15 Datasheet
285Kb / 4P
   Driver Transistor
logo
Formosa MS
FMBTA55 FORMOSA-FMBTA55 Datasheet
496Kb / 9P
   Driver Transistor
logo
ON Semiconductor
MMBTA06WT1G ONSEMI-MMBTA06WT1G Datasheet
139Kb / 5P
   Driver Transistor
October, 2010 -- Rev. 2
SMMBTA06WT1G ONSEMI-SMMBTA06WT1G Datasheet
111Kb / 5P
   Driver Transistor
November, 2012 ??Rev. 4
logo
Fairchild Semiconductor
KST05 FAIRCHILD-KST05 Datasheet
44Kb / 3P
   Driver Transistor
logo
ON Semiconductor
BSS64LT1G ONSEMI-BSS64LT1G_16 Datasheet
75Kb / 3P
   Driver Transistor
November, 2016 ??Rev. 6
logo
Fairchild Semiconductor
KST55 FAIRCHILD-KST55 Datasheet
44Kb / 3P
   Driver Transistor
KST06MTF FAIRCHILD-KST06MTF Datasheet
50Kb / 3P
   Driver Transistor
logo
SeCoS Halbleitertechnol...
MMBTA55 SECOS-MMBTA55 Datasheet
285Kb / 4P
   Driver Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com