Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7915CT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7915CT
Description  LM79XX Series 3-Terminal Negative Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7915CT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM7915CT Datasheet HTML 1Page - National Semiconductor (TI) LM7915CT Datasheet HTML 2Page - National Semiconductor (TI) LM7915CT Datasheet HTML 3Page - National Semiconductor (TI) LM7915CT Datasheet HTML 4Page - National Semiconductor (TI) LM7915CT Datasheet HTML 5Page - National Semiconductor (TI) LM7915CT Datasheet HTML 6Page - National Semiconductor (TI) LM7915CT Datasheet HTML 7Page - National Semiconductor (TI) LM7915CT Datasheet HTML 8Page - National Semiconductor (TI) LM7915CT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Design Considerations
The LM79XX fixed voltage regulator series has thermal
overload protection from excessive power dissipation inter-
nal short circuit protection which limits the circuit’s maxi-
mum current and output transistor safe-area compensation
for reducing the output current as the voltage across the
pass transistor is increased
Although the internal power dissipation is limited the junc-
tion temperature must be kept below the maximum speci-
fied temperature (125 C) in order to meet data sheet specifi-
cations To calculate the maximum junction temperature or
heat sink required the following thermal resistance values
should be used
Typ
Max
Typ
Max
Package
iJC
iJC
iJA
iJA
CW
CW
CW
CW
TO-220
30
50
60
40
PD MAX e
TJ Max b TA
iJC a iCA
or
TJ Max TA
iJA
iCA e iCS a iSA (without heat sink)
Solving for TJ
TJ e TA a PD (iJC a iCA)or
e
TA a PDiJA (without heat sink)
Where
TJ
e
Junction Temperature
TA
e
Ambient Temperature
PD
e
Power Dissipation
iJA e Junction-to-Ambient Thermal Resistance
iJC e Junction-to-Case Thermal Resistance
iCA e Case-to-Ambient Thermal Resistance
iCS e Case-to-Heat Sink Thermal Resistance
iSA e Heat Sink-to-Ambient Thermal Resistance
Typical Applications (Continued)
Bypass capacitors are necessary for stable operation of the
LM79XX series of regulators over the input voltage and out-
put current ranges Output bypass capacitors will improve
the transient response by the regulator
The bypass capacitors (22 mF on the input 10 mFonthe
output) should be ceramic or solid tantalum which have
good high frequency characteristics If aluminum electrolyt-
ics are used their values should be 10 mF or larger The
bypass capacitors should be mounted with the shortest
leads and if possible directly across the regulator termi-
nals
High Stability 1 Amp Regulator
TLH7340 – 5
Load and line regulation k 001% temperature stability s 02%
Determine Zener current
Solid tantalum
Select resistors to set output voltage 2 ppm C tracking suggested
4


Similar Part No. - LM7915CT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7915CT NSC-LM7915CT Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
LM7915CT FAIRCHILD-LM7915CT Datasheet
284Kb / 15P
   3-Terminal 1A Negative Voltage Regulator
LM7915CT FAIRCHILD-LM7915CT Datasheet
284Kb / 15P
   3-Terminal 1A Negative Voltage Regulator
logo
Texas Instruments
LM7915CT TI-LM7915CT Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
LM7915CT FAIRCHILD-LM7915CT Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

Similar Description - LM7915CT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79XX NSC-LM79XX Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM7905 TI1-LM7905_13 Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
LM7915CT TI-LM7915CT Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
LM7905 TI-LM7905_15 Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM120QML TI1-LM120QML_16 Datasheet
640Kb / 19P
[Old version datasheet]   Series 3-Terminal Negative Regulators
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com