Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUMI-WBXR-O Datasheet(PDF) 3 Page - Amphenol Corporation

Part # HUMI-WBXR-O
Description  Microprocessor-based signal processing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

HUMI-WBXR-O Datasheet(HTML) 3 Page - Amphenol Corporation

  HUMI-WBXR-O Datasheet HTML 1Page - Amphenol Corporation HUMI-WBXR-O Datasheet HTML 2Page - Amphenol Corporation HUMI-WBXR-O Datasheet HTML 3Page - Amphenol Corporation HUMI-WBXR-O Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Maximum Flexibility
HumiTracXRisdesignedtobehighly
configurableinthefieldorinyourwarehouse.
Byminimizingthenecessarynumberof
configurations,wereducedistributorinventory
costsandprovidesmaximumflexibilitytothe
installer.Allversionsfeaturefield-selectable
outputs(0to5V,0to10V,4to20mA).Simple
adjustmentofslideswitchesisallthatis
required.Signal-conditionedtemperature
versionsareavailablescaledfrom-20°Fto
120°F(-28.8°Cto49°C)forductmountand
outsideairconfigurations,or40°Fto90°F(4.4to
32.2°C)forspacemountconfiguration.Custom
rangesareavailableuponrequestforhigh
volumeapplications.
HumiTracXRisofferedinwallmount,duct
mountandoutdoorairconfigurations
Rugged, Attractive Enclosures
AllHumiTracXRconfigurationsfeaturerugged
flameretardant,UL-94VABSplastic.Ductand
outdoorairversionsprovideexcellentweather
resistance(IP42rated).Specialcarehasbeen
takeninthedesignofthewallmountenclosure
toprovideenhancedairflow,increasing
sensorresponsetimeandvirtuallyeliminating
thepotentialof“self-heating”bytransmitter
electronics that can lead to decreased accuracy
measurements.
Simple, Fast Installation
AllHumiTracXRmodelsfeaturelarge
removable,pluggableterminalblocks,
eliminatingtheneedtowireinaconfinedspace
andallowtheunittobepre-wiredseparatefrom
theelectronics,anespeciallyattractivefeaturein
unfinishedconstruction,whereexposedsensors
andelectronicscouldbedamagedbymoisture,
drywalldustandpaint.Allmodelsincorporate
aretainingwirethatattachesthecovertothe
base,allowingtheinstallertowiretheunit
withoutusinganextrahandtoholdthecover.
Lowest Cost of Ownership
Withatwo-yearwarranty*,simplifiedinventory
management,reducedinstallationtimesand
field-serviceability,HumiTracXRsetsthe
standardinreducedcostofownershipand
performance-to-priceratio.
*Transmitter only, one year warranty on
replaceable sensor.
OutsideAirMount
Case:ABSflameretardantIP42rated
Space(Wall)Mount
Case:ABSflameretardant
DuctMount
Case:ABSflameretardantIP42rated
Probe:Stainlesssteel
2.75 in
(70 mm)
3.80 in
(96.3 mm)
4.70 in
(119.2 mm)
6.38 in
(162 mm)
1/2 in
(12.7 mm)
condiut
knockout
2 places
3.80 in
(96.3 mm)
4.70 in
(119.2 mm)
2.75 in
(70 mm)
8.80 in
(223.7 mm)
3.80 in
(96.3 mm)
4.70 in
(119.2 mm)
4.70 in
(119.2 mm)
1.28 in
(32.4 mm)
3.52 in
(89.5 mm)
0.46 in
(11.7 mm)
Outside Air Mount
Case: ABS flame retardant
IP42 rated
Space (Wall) Mount
Case: ABS flame retardant
Duct Mount
Case: ABS flame retardant
IP42 rated
Probe: Stainless steel
Wiring
access
Cover
Base
®
®
®


Similar Part No. - HUMI-WBXR-O

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
HUM-2.4GHZ-RC LINX-HUM-2.4GHZ-RC Datasheet
1Mb / 7P
   Evaluation Module
HUM-2.4GHZ-RC LINX-HUM-2.4GHZ-RC Datasheet
7Mb / 25P
   HumRCTM Series Master Development System
2018
HUM-2.4GHZ-RC LINX-HUM-2.4GHZ-RC Datasheet
3Mb / 35P
   HumRCTM Series Remote Control and Sensor Transceiver
2016
logo
Interpoint Corporation ...
HUM-40 INTERPOINT-HUM-40 Datasheet
242Kb / 13P
   HOLD UP MODULE 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HUM-40 CRANE-HUM-40 Datasheet
371Kb / 13P
   HOLD UP MODULE 28 VOLT INPUT
More results

Similar Description - HUMI-WBXR-O

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
BSD5C031V UMW-BSD5C031V Datasheet
380Kb / 4P
   Microprocessor based equipment
BSD3C031V UMW-BSD3C031V Datasheet
475Kb / 4P
   Microprocessor based equipment
BSD3C051V UMW-BSD3C051V Datasheet
496Kb / 4P
   Microprocessor based equipment
PESD5V0V1BA UMW-PESD5V0V1BA Datasheet
417Kb / 4P
   Microprocessor based equipment
PESD12VL1BA UMW-PESD12VL1BA Datasheet
335Kb / 4P
   Microprocessor based equipment
logo
NXP Semiconductors
TDA9370 PHILIPS-TDA9370 Datasheet
144Kb / 2P
   IF microprocessor video chroma field scanning small-signal processing integrated circuit
logo
Samsung semiconductor
KA2135 SAMSUNG-KA2135 Datasheet
116Kb / 4P
   HORIZONTAL SIGNAL PROCESSING
logo
Toshiba Semiconductor
TC90195XBG TOSHIBA-TC90195XBG Datasheet
287Kb / 8P
   Video signal Processing
2017-04-03 Rev. 1.00
logo
Sipex Corporation
SP-2625 SIPEX-SP-2625 Datasheet
168Kb / 6P
   SIGNAL PROCESSING EXCELLENCE
logo
Analog Devices
AD2050 AD-AD2050_15 Datasheet
842Kb / 2P
   MICROPROCESSOR BASED THERMOCOUPLE METERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com