Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS12SP Datasheet(PDF) 2 Page - Amphenol Corporation

Part # HS12SP
Description  Good, long-term reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

HS12SP Datasheet(HTML) 2 Page - Amphenol Corporation

  HS12SP Datasheet HTML 1Page - Amphenol Corporation HS12SP Datasheet HTML 2Page - Amphenol Corporation HS12SP Datasheet HTML 3Page - Amphenol Corporation HS12SP Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Storage Temperature Range
0~50 °C
Storage Humidity Range
20~90 %RH, Without condensation
Operating Humidity Range
30~90 %RH
Operating Temperature Range
0~50°C
Rated Working Voltage
AC 1 V (50Hz~1KHz)
Rated Power
0.3 mW
Nominal Impedance Value
60 kΩ ( 25°C, 50%RH)
Tolerance on Impedance Value
60 ±30 kΩ
Reliability (Impedance value change
as relative humidity at 25°C, 50%RH)
Dry Heat Storage
<±5 %RH ( 85°C, 1000 hr.)
Cold Storage
<±5 %RH (-40°C, 1000 hr.)
Damp Heat Storage
<±5 %RH ( 40°C, 90 %RH, 1000 hr.)
Low Humidity Storage
<±5 %RH ( 25°C 20 %RH, 1000 hr.)
Heat Cycle Test
<±5 %RH (-40°C ~ +85 °C, 100 cycles)
Notes
1. Don’t apply any direct current to the sensor.
2. Don’t touch the film and the surface of the sensor.
3. In use and stock, freezing, dust, mist, oil, alcohol,
corrosive gases or any other dirty/anomalous
ambient may cause degradation of the sensor’s
characteristics.
4. Protect the sensor film from flux/fume and high
temperature during the soldering.
5. Don’t put sensor in water.


Similar Part No. - HS12SP

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
HS12SP WILLOW-HS12SP Datasheet
1Mb / 4P
   Thermometrics Relative Humidity Sensor
More results

Similar Description - HS12SP

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR3035 SMC-MBR3035 Datasheet
170Kb / 6P
   Guard ring for enhanced ruggedness and long term reliability
209CMQ SMC-209CMQ Datasheet
155Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
301CMQ SMC-301CMQ Datasheet
207Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
403CNQ600-1 SMC-403CNQ600-1 Datasheet
189Kb / 3P
   Guard ring for enhanced ruggedness and long term reliability
303CMQ SMC-303CMQ Datasheet
212Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
403DMQ600 SMC-403DMQ600 Datasheet
171Kb / 3P
   Guard ring for enhanced ruggedness and long term reliability
STF10200LC SMC-STF10200LC Datasheet
170Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
MBRF2050 SMC-MBRF2050 Datasheet
165Kb / 6P
   Guard ring for enhanced ruggedness and long term reliability
ST2080C SMC-ST2080C Datasheet
221Kb / 6P
   Guard ring for enhanced ruggedness and long term reliability
81CNQ SMC-81CNQ Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com