Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5922DAP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5922DAP
Description  LED DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5922DAP Datasheet(HTML) 2 Page - Texas Instruments

  TLC5922DAP Datasheet HTML 1Page - Texas Instruments TLC5922DAP Datasheet HTML 2Page - Texas Instruments TLC5922DAP Datasheet HTML 3Page - Texas Instruments TLC5922DAP Datasheet HTML 4Page - Texas Instruments TLC5922DAP Datasheet HTML 5Page - Texas Instruments TLC5922DAP Datasheet HTML 6Page - Texas Instruments TLC5922DAP Datasheet HTML 7Page - Texas Instruments TLC5922DAP Datasheet HTML 8Page - Texas Instruments TLC5922DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
GND
BLANK
XLAT
SCLK
SIN
PGND
OUT0
OUT1
PGND
OUT2
OUT3
OUT4
OUT5
PGND
OUT6
OUT7
VCC
IREF
MODE
XDOWN
SOUT
PGND
OUT15
OUT14
PGND
OUT13
OUT12
OUT11
OUT10
PGND
OUT9
OUT8
TLC5922
SLVS486 – SEPTEMBER 2003
ORDERING INFORMATION (1)
TA
PACKAGE
PART NUMBER (1)
-20
°C to 85 °C
4 mm x 4 mm, 32-pin HTSSOP
TLC5922DAP
(1)
The DAP package is available in tape and reel. Add R suffix (TLC5922DAPR) to order quantities of 2000 parts per reel.
DAP PACKAGE
(TOP VIEW)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Blank(Light OFF). When BLANK=H, All OUTx outputs are forced OFF. When BLANK=L,
BLANK
2
2
ON/OFF of OUTx outputs are controlled by input data.
GND
1
Ground
IREF
31
I/O
Reference current terminal
Mode select. When MODE=L, SIN, SOUT, SCLK, XLAT are connected to ON/OFF control
MODE
30
I
logic. When MODE=H, SIN, SOUT, SCLK, XLAT are connected to dot-correction logic.
OUT0
7
O
Constant current output
OUT1
8
O
Constant current output
OUT2
10
O
Constant current output
OUT3
11
O
Constant current output
OUT4
12
O
Constant current output
OUT5
13
O
Constant current output
OUT6
15
O
Constant current output
OUT7
16
O
Constant current output
OUT8
17
O
Constant current output
OUT9
18
O
Constant current output
OUT10
20
O
Constant current output
OUT11
21
O
Constant current output
OUT12
22
O
Constant current output
OUT13
23
O
Constant current output
OUT14
25
O
Constant current output
OUT15
26
O
Constant current output
6, 9, 14, 19,
PGND
Power ground
24, 27
2


Similar Part No. - TLC5922DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5922DAP TI1-TLC5922DAP Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
TLC5922DAPG4 TI1-TLC5922DAPG4 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
TLC5922DAPR TI1-TLC5922DAPR Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
TLC5922DAPRG4 TI1-TLC5922DAPRG4 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
More results

Similar Description - TLC5922DAP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com