Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123ECAHZG Datasheet(PDF) 8 Page - Rohm

Part # DTC123ECAHZG
Description  NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC123ECAHZG Datasheet(HTML) 8 Page - Rohm

  DTC123ECAHZG Datasheet HTML 1Page - Rohm DTC123ECAHZG Datasheet HTML 2Page - Rohm DTC123ECAHZG Datasheet HTML 3Page - Rohm DTC123ECAHZG Datasheet HTML 4Page - Rohm DTC123ECAHZG Datasheet HTML 5Page - Rohm DTC123ECAHZG Datasheet HTML 6Page - Rohm DTC123ECAHZG Datasheet HTML 7Page - Rohm DTC123ECAHZG Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Datasheet
Part Number
DTC123ECAHZG
Package
SOT-23
Unit Quantity
3000
Minimum Package Quantity
3000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
DTC123ECAHZG - Web Page


Similar Part No. - DTC123ECAHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123ECA ROHM-DTC123ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
logo
DONGGUAN YOU FENG WEI E...
DTC123ECA YFWDIODE-DTC123ECA Datasheet
514Kb / 4P
   NPN Digital Transistors - DTC (R1 = R2 Series)ECA
More results

Similar Description - DTC123ECAHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EEFRA ROHM-DTC114EEFRA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC115EU3HZG ROHM-DTC115EU3HZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124TCA ROHM-DTC124TCA Datasheet
969Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC123YU3HZG ROHM-DTC123YU3HZG Datasheet
937Kb / 9P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124XU3HZG ROHM-DTC124XU3HZG Datasheet
967Kb / 9P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143ZU3HZG ROHM-DTC143ZU3HZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC123JEBHZG ROHM-DTC123JEBHZG Datasheet
811Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124ECAHZG ROHM-DTC124ECAHZG Datasheet
892Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143TCAHZG ROHM-DTC143TCAHZG Datasheet
1Mb / 7P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143XCAHZG ROHM-DTC143XCAHZG Datasheet
771Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC144EUBHZG ROHM-DTC144EUBHZG Datasheet
886Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com