Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHT-2-V-2-D Datasheet(PDF) 4 Page - Amphenol Corporation

Part # RHT-2-V-2-D
Description  Space, Duct, and Outside Air Configurations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RHT-2-V-2-D Datasheet(HTML) 4 Page - Amphenol Corporation

  RHT-2-V-2-D Datasheet HTML 1Page - Amphenol Corporation RHT-2-V-2-D Datasheet HTML 2Page - Amphenol Corporation RHT-2-V-2-D Datasheet HTML 3Page - Amphenol Corporation RHT-2-V-2-D Datasheet HTML 4Page - Amphenol Corporation RHT-2-V-2-D Datasheet HTML 5Page - Amphenol Corporation RHT-2-V-2-D Datasheet HTML 6Page - Amphenol Corporation RHT-2-V-2-D Datasheet HTML 7Page - Amphenol Corporation RHT-2-V-2-D Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Wiring Guidelines
Outputs: Relative Humidity
4·20 mA Current Output
The 4-20 mA transmitters will provide a linear
proportional signal with 4 mA corresponding to 0%
RH and 20 mA to 100% RH. These are loop powered
devices; therefore, only two wires are required.
0-5 Volt Voltage Output
The 0 to 5 volt transmitters provide a linear proportional
output at terminal “O” with 0 volts equivalent to 0% RH
and 5 volts to 100% RH.
The voltage output transmitters can be wired as a
three wire transmitter or as a four wire transmitter to
eliminate the effects of wire length. The output voltage
is with respect to Terminals “N” (power supply return)
and/or “G” (signal ground) which are common at the
transmitter.
Output: Temperature (Optional)
The temperature option (if ordered) is a separate circuit
board but mounted in the same housing along with the
relative humidity transmitter.
The 4·20 mA transmitters output is linear and
proportional to the range specified when the
transmitter was ordered. The low range temperature
(4 mA) is marked on the ZERO pot and the high range
temperature (20 mA) is marked on the SPAN pot.
Standard range is - 20° to 140°F (this range is supplied
when no range is specified at time of ordering).
The temperature transmitters are entirely separate
circuits from the RH transmitters. Transmitters are
loop powered devices. Therefore, only two wires are
required. One wire may be common with the RH
transmitter.
Wiring
Wiring for the transmitter should be twisted pair(s)
16·22 AWG approximately 2 turns per inch. In
installations near electric motors or sensitive electronic
equipment, use shielded cable. Wiring should be run
through conduit using the 1/2” EMT compression fitting
supplied on the unit.
RH/RHT Series Wiring


Similar Part No. - RHT-2-V-2-D

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RHT NICHICON-RHT Datasheet
674Kb / 2P
   High Temperature
logo
List of Unclassifed Man...
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
   Digital relative humidity & temperature sensor
RHT02 ETC-RHT02 Datasheet
644Kb / 6P
   Digital relative humidity & temperature sensor
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
   Digital relative humidity & temperature sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
More results

Similar Description - RHT-2-V-2-D

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
   DUCT AIR VELOCITY TRANSMITTER
03/20
AQDT GREYSTONE-AQDT Datasheet
328Kb / 2P
   DUCT AIR QUALITY TRANSMITTER
04/20
logo
BELIMO AIRCONTROLS (USA...
22DC-51 BELIMO-22DC-51 Datasheet
473Kb / 4P
   Duct Air Quality Sensor
logo
Greystone Energy System...
OPV GREYSTONE-OPV Datasheet
358Kb / 2P
   OUTSIDE AIR PICK-UP PORT
logo
List of Unclassifed Man...
GS-AQ911 ETC2-GS-AQ911 Datasheet
62Kb / 2P
   Space air quality transmitter
logo
Systemsensor advanced i...
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
logo
Maxim Integrated Produc...
MAX11410EVKIT MAXIM-MAX11410EVKIT Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
   Space and weight savings
logo
Shanghai Semitech Semic...
ESD9X5V SEMITECH-ESD9X5V Datasheet
222Kb / 3P
   Unidirectional Configurations
logo
National Instruments Co...
PXI-PCI8331 NI-PXI-PCI8331 Datasheet
584Kb / 3P
   Multichassis configurations for PXI and CompactPCI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com