Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F561-AMR Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F561-AMR
Description  This note already existed in the data sheet in the Reset Sources chapter, and it?셲 been added to additional locations to make it more prominent.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F561-AMR Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F561-AMR Datasheet HTML 1Page - Silicon Laboratories C8051F561-AMR Datasheet HTML 2Page - Silicon Laboratories C8051F561-AMR Datasheet HTML 3Page - Silicon Laboratories C8051F561-AMR Datasheet HTML 4Page - Silicon Laboratories C8051F561-AMR Datasheet HTML 5Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bulletin #1409081
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev I
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical
document updates, new product announcements, “how-to” and design documents, product change notices (PCN)
and other valuable content available only to registered users. http://www.silabs.com/profile
Bulletin Date: 9/8/2014
Bulletin Effective Date: 9/8/2014
Title: C8051F55x_C8051F56x_C8051F57x_Rev1.2_Data_Sheet_Product_Change_Notice
Originator: Greg Hodgson
Phone: 512-523-5766
Dept: Marketing
Customer Contact: Kathy Haggar
Phone: 512-532-5261
Dept: Sales
Bulletin Details
Description:
Silicon Labs is pleased to announce that version 1.2 of the C8051F55x/56x/57x data sheet is now
available. The revision includes:
Power-On Reset may fail for devices shipped prior to date code 1124
- Added a note regarding an issue with /RST low time on some older devices to “Power-On Reset” on
page 140.
This issue was previously documented in the errata and has now been moved to the data sheet. It has
been removed from the errata.
Note: For devices with a date code before year 2011, work week 24 (1124), if the /RST pin is held low
for more than 1 second while power is applied to the device, and then /RST is released, a percentage
of devices may lock up and fail to execute code. Toggling the /RST pin does not clear the condition.
The condition is cleared by cycling power. Most devices that are affected will show the lock up
behavior only within a narrow range of temperatures (a 5 to 10 degrees C window). Parts with a date
code of year 2011, work week 24 (1124) or later do not have any restrictions on /RST low time. The
date code of a device is a four-digit number on the bottom-most line of each device with the format
YYWW, where YY is the two-digit calendar year and WW is the two digit work week.
Use VDD Monitor low threshold setting during normal operation
– Added the note regarding the voltage regulator and VDD monitor in the high setting from “Power-Fail
Reset/VDD Monitor” on page 140 to “Voltage Regulator (REG0)” on page 80 and “VDD Maintenance and
the VDD monitor” on page 130.
This note already existed in the data sheet in the Reset Sources chapter, and it’s been added to
additional locations to make it more prominent.
Note: The output of the internal voltage regulator is calibrated by the MCU immediately after any
reset event. The output of the un-calibrated internal regulator could be below the high threshold
setting of the VDD Monitor. If this is the case and the VDD Monitor is set to the high threshold setting
and if the MCU receives a non-power on reset (POR), the MCU will remain in reset until a POR occurs
(i.e., VDD Monitor will keep the device in reset). A POR will force the VDD Monitor to the low threshold
setting which is guaranteed to be below the un-calibrated output of the internal regulator. The device
will then exit reset and resume normal operation. It is for this reason Silicon Labs strongly
recommends that the VDD Monitor is always left in the low threshold setting (i.e. default value upon
POR).


Similar Part No. - C8051F561-AMR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F561-IM SILABS-C8051F561-IM Datasheet
2Mb / 302P
   Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD
C8051F561-IM SILABS-C8051F561-IM Datasheet
1Mb / 303P
   Mixed Signal ISP Flash MCU Family
C8051F561-IQ SILABS-C8051F561-IQ Datasheet
2Mb / 302P
   Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD
C8051F561-IQ SILABS-C8051F561-IQ Datasheet
1Mb / 303P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F561-AMR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AOC-SLG3-2M2 ETC1-AOC-SLG3-2M2 Datasheet
947Kb / 19P
   The information in this user?셲 manual has been carefully reviewed and is believed to be accurate
STM32-P407 ETC2-STM32-P407 Datasheet
2Mb / 33P
   Introduction to the chapter
ES1500A ETC2-ES1500A Datasheet
457Kb / 2P
   This additional handset has been designed to operate with the ES1510A telephone system
logo
Integrated Device Techn...
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
   This chapter discusses the following
logo
TE Connectivity Ltd
C-2151065 TEC-C-2151065 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151041 TEC-C-2151041 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151042 TEC-C-2151042 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151060 TEC-C-2151060 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151094 TEC-C-2151094 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151748 TEC-C-2151748 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com