Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F581-AQ Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F581-AQ
Description  This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F581-AQ Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F581-AQ Datasheet HTML 1Page - Silicon Laboratories C8051F581-AQ Datasheet HTML 2Page - Silicon Laboratories C8051F581-AQ Datasheet HTML 3Page - Silicon Laboratories C8051F581-AQ Datasheet HTML 4Page - Silicon Laboratories C8051F581-AQ Datasheet HTML 5Page - Silicon Laboratories C8051F581-AQ Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bulletin #1512071
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev N
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical
document updates, new product announcements, “how-to” and design documents, product change notices (PCN)
and other valuable content available only to registered users. http://www.silabs.com/profile
Bulletin Date: 12/7/2015
Bulletin Effective Date: 12/7/2015
Title: C8051F58x C8051F59x Rev1.3 Data Sheet
Originator: Kafai Leung
Phone: 512-532-5232
Dept: Marketing
Customer Contact: Kathy Haggar
Phone: 512-532-5261
Dept: Sales
Bulletin Details
Description:
Silicon Labs is pleased to announce that version 1.3 of the C8051F58x/59x data sheet is now available.
All items below have been included in this revision of the data sheet. The revision includes:
Power-On Reset may fail for devices shipped prior to date code 1124
- Added a note regarding an issue with /RST low time on some older devices to section 17.1 Power-On
Reset on page 153.
This issue was previously documented in the errata and has now been moved to the data sheet section
17.1 Power-On Reset on page 153. It has been removed from the errata.
Note: For devices with a date code before year 2011, work week 24 (1124), if the /RST pin is held low for
more than 1 second while power is applied to the device, and then /RST is released, a percentage of
devices may lock up and fail to execute code. Toggling the /RST pin does not clear the condition. The
condition is cleared by cycling power. Most devices that are affected will show the lock up behavior only
within a narrow range of temperatures (a 5 to 10 degrees C window). Parts with a date code of year 2011,
work week 24 (1124) or later do not have any restrictions on /RST low time. The date code of a device is
a four-digit number on the bottom-most line of each device with the format YYWW, where YY is the two-
digit calendar year and WW is the two digit work week.
Use VDD Monitor low threshold setting during normal operation
– Added the note regarding the voltage regulator and VDD monitor in the high setting from section 17.2
Power-Fail Reset/VDD Monitor on page 154 to section 10 Voltage Regulator (REG0) on page 89 and section
15.4.1 VDD Maintenance and the VDD monitor on page 143.
This note already existed in section 17 Reset Sources on page 152, and has been added to additional
locations to make it more prominent.
Note: The output of the internal voltage regulator is calibrated by the MCU immediately after any reset
event. The output of the un-calibrated internal regulator could be below the high threshold setting of the
VDD Monitor. If this is the case and the VDD Monitor is set to the high threshold setting and if the MCU
receives a non-power on reset (POR), the MCU will remain in reset until a POR occurs (i.e., VDD Monitor
will keep the device in reset). A POR will force the VDD Monitor to the low threshold setting which is
guaranteed to be below the un-calibrated output of the internal regulator. The device will then exit reset
and resume normal operation. It is for this reason Silicon Labs strongly recommends that the VDD Monitor
is always left in the low threshold setting (i.e. default value upon POR).


Similar Part No. - C8051F581-AQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F581-IM SILABS-C8051F581-IM Datasheet
3Mb / 356P
   Programmable hysteresis and response time Configurble as interrupt or reset source Low current
C8051F581-IQ SILABS-C8051F581-IQ Datasheet
3Mb / 356P
   Programmable hysteresis and response time Configurble as interrupt or reset source Low current
More results

Similar Description - C8051F581-AQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1408281 SILABS-1408281 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410171 SILABS-1410171 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1503161 SILABS-1503161 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1601181 SILABS-1601181 Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602261 SILABS-1602261 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com