Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T10 Datasheet(PDF) 8 Page - Amphenol Corporation

Part # T10
Description  Measures differential, gage pressure, or vacuum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T10 Datasheet(HTML) 8 Page - Amphenol Corporation

  T10 Datasheet HTML 1Page - Amphenol Corporation T10 Datasheet HTML 2Page - Amphenol Corporation T10 Datasheet HTML 3Page - Amphenol Corporation T10 Datasheet HTML 4Page - Amphenol Corporation T10 Datasheet HTML 5Page - Amphenol Corporation T10 Datasheet HTML 6Page - Amphenol Corporation T10 Datasheet HTML 7Page - Amphenol Corporation T10 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Table A - Standard Pressure Ranges
English
Metric Units
Pressure
Pressure
Maximum
Pressure
Pressure
Maximum
Pressure
Pressure
Maximum
Range
Safe Momentary
Range
Safe Momentary
Range
Safe Momentary
Code
English
Overpressure
Code
Pascals
Overpressure
Code
Pascals
Overpressure
03E
0 to 0.300 in H20
03P
0 to 75.0 Pa
03M
0 to 7.50 mm H20
04E
0 to 0.500 in H20
04P
0 to 100.0 Pa
04M
0 to 10.00 mm H20
05E
0 to 1.00 in H20
05P
0 to 250 Pa
05M
0 to 25.0 mm H20
06E
0 to 2.00 in H20
20 in H20
06P
0 to 500 Pa
5 kPa
06M
0 to 50.0 mm H20
500 mm
07E
0 to 3.00 in H20
07P
0 to 750 Pa
07M
0 to 75.0 mm H20
08E
0 to 5.00 in H20
08P
0 to 1.00 kPa
08M
0 to 100 mm H20
09E
0 to 10.0 in H20
5 psid
09P
0 to 2.50 kPa
35 kPa
09M
0 to 250 mm H20
3.5 m
AAS-920-362D-03/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
www.telaire.com


Similar Part No. - T10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10 LITTELFUSE-T10 Datasheet
177Kb / 1P
   Solid-State On-Delay Timer
2019 Rev: 2-B-043019
logo
List of Unclassifed Man...
T10-10 ETC2-T10-10 Datasheet
99Kb / 1P
   STA-KON Copper Tube Terminals
logo
Magnetrol International...
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
   T10 Float Level Switch
T10-5104-040 MAGNETROL-T10-5104-040 Datasheet
180Kb / 4P
   T10 Float Level Switch
T10-5104-060 MAGNETROL-T10-5104-060 Datasheet
180Kb / 4P
   T10 Float Level Switch
More results

Similar Description - T10

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
   Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
Schneider Electric
IMV25 SCHNEIDER-IMV25 Datasheet
107Kb / 2P
   Measures pressure, differential pressure and process temperature
Apr 26, 2022
logo
Honeywell Solid State E...
24PCBFA6G HONEYWELL-24PCBFA6G Datasheet
230Kb / 3P
   Vacuum Gage
logo
Honeywell Accelerometer...
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Greystone Energy System...
PGS GREYSTONE-PGS Datasheet
136Kb / 1P
   GAGE PRESSURE TRANSMITTER
07/19
logo
Intersema Sensoric SA
MS5536-60C INTERSEMA-MS5536-60C Datasheet
295Kb / 17P
   SMD Gage Pressure MODULE
MS5536C INTERSEMA-MS5536C Datasheet
269Kb / 17P
   SMD Gage Pressure MODULE
MS5536 INTERSEMA-MS5536 Datasheet
540Kb / 14P
   SMD Gage Pressure MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com