Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1825C154JHRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1825C154JHRACTU
Description  High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1825C154JHRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1825C154JHRACTU Datasheet HTML 1Page - Kemet Corporation C1825C154JHRACTU Datasheet HTML 2Page - Kemet Corporation C1825C154JHRACTU Datasheet HTML 3Page - Kemet Corporation C1825C154JHRACTU Datasheet HTML 4Page - Kemet Corporation C1825C154JHRACTU Datasheet HTML 5Page - Kemet Corporation C1825C154JHRACTU Datasheet HTML 6Page - Kemet Corporation C1825C154JHRACTU Datasheet HTML 7Page - Kemet Corporation C1825C154JHRACTU Datasheet HTML 8Page - Kemet Corporation C1825C154JHRACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1010_X7R_HV_SMD • 2/29/2016
1
One world. One KEMET
Overview
KEMET’s High Voltage surface mount MLCCs in X7R
Dielectric feature a 125°C maximum operating temperature
and are considered “temperature stable.” The Electronics
Industries Alliance (EIA) characterizes X7R dielectric as a
Class II material. Components of this classification are fixed,
ceramic dielectric capacitors suited for bypass and decoupling
applications or for frequency discriminating circuits where Q
and stability of capacitance characteristics are not critical. X7R
exhibits a predictable change in capacitance with respect to
time and voltage and boasts a minimal change in capacitance
with reference to ambient temperature. Capacitance change is
limited to ±15% from −55°C to +125°C.
Available in a variety of case sizes and industry leading CV
values (capacitance/voltage), these devices exhibit low leakage
current and low ESR at high frequencies. Conventional uses
include both snubbers and filters in applications such as
switching power supplies and lighting ballasts. Their exceptional
performance at high frequencies has made high voltage MLCC's
the preferred dielectric choice of design engineers worldwide.
In addition to their use in power supplies, these capacitors
are widely used in industries related to automotive (hybrid),
telecommunications, medical, military, aerospace, semiconductors
and test/diagnostic equipment.
In addition to Commercial Grade, Automotive Grade devices
are available which meet the demanding Automotive Electronics
Council's AEC-Q200 qualification requirements.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage X7R Dielectric, 500 – 3,000 VDC
(Commercial Grade)
Ordering Information
C
1210
C
154
K
C
R
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric
Failure Rate/
Design
Termination
Finish1
Packaging/Grade
(C-Spec)
0603
0805
1206
1210
1808
1812
1825
2220
2225
C = Standard Two significant
digits + number
of zeros.
J = ±5%
K = ±10%
M = ±20%
C = 500
B = 630
D = 1,000
F = 1,500
G = 2,000
Z = 2,500
H = 3,000
R = X7R
A = N/A
C = 100%
Matte Sn
L = SnPb (5%
Pb minimum)
See "Packaging
C-Spec Ordering
Options Table"
below
1
Additional termination finish options may be available. Contact KEMET for details.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1825C154JHRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1825C154JHRACTU KEMET-C1825C154JHRACTU Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
More results

Similar Description - C1825C154JHRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com