Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8003ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8003ACPZ-R2
Description  Triple, 1.5 GHz Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8003ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
AD8003
Rev. C | Page 7 of 16
G = +1
VS =±5V
RL = 150Ω
VOUT = 200mV p-p
–12
–9
–6
–3
3
0
6
1
10
100
1000
10000
FREQUENCY (MHz)
RS = 50Ω
RS = 0Ω
RS = 25Ω
Figure 10. G = +1 Series Resistor (RS) Optimization
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
10
VS =±5V
G= +1,RF =432Ω
G= +2,+5,RF = 464Ω
RL =150Ω
VOUT =2Vp-p
G= +1
G= +2
G= +5
Figure 11. Large Signal Frequency Response for Various Gains
G= +1
RL = 100Ω
VOUT =2V p-p
–120
–110
–80
–70
–60
–90
–100
–50
–40
–30
0.1
1
10
100
FREQUENCY (MHz)
THIRD
SECOND
VS =±5V
VS =+5V
Figure 12. Harmonic Distortion vs. Frequency for Various Supplies
G = +2
RL = 150Ω
VOUT = 2V p-p
–0.9
–0.8
–0.7
–0.6
–0.4
–0.2
–0.1
0.2
–0.5
–0.3
0.1
0
0.3
1
10
100
1000
FREQUENCY (MHz)
VS =±5V
VS =+5V
Figure 13. 0.1 dB Flatness Response
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
10
VS =±5V
G= +2
RL = 150Ω
VOUT =2V p-p
T = +25°C
T = –40°C
T = +105°C
Figure 14. Large Signal Frequency Response for Various Temperatures
G= +2
RL =150Ω
VOUT =2Vp-p
–120
–110
–80
–70
–60
–90
–100
–50
–40
–30
0.1
1
10
100
FREQUENCY (MHz)
VS =±5V
VS =+5V
THIRD
SECOND
Figure 15. Harmonic Distortion vs. Frequency for Various Supplies


Similar Part No. - AD8003ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8003ACPZ-R2 AD-AD8003ACPZ-R2 Datasheet
684Kb / 16P
   Triple, 1.5 GHz Op Amp
Rev. A
More results

Similar Description - AD8003ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8003 AD-AD8003 Datasheet
684Kb / 16P
   Triple, 1.5 GHz Op Amp
Rev. A
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
   Triple, 1.5 GHz Op Amp
REV. C
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
   1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8000 AD-AD8000 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
   Low Cost, Triple Op Amp
REV. A
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
logo
Micrel Semiconductor
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
   Triple 135MHz Low-Power Op Amp
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
   Triple 135MHz Low-Power Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
[Old version datasheet]   Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com