Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B220000 Datasheet(PDF) 1 Page - E-SWITCH

Part # B220000
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B220000 Datasheet(HTML) 1 Page - E-SWITCH

  B220000 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LP6OA1ASRB
2:1
6/18/2008
B220000
B
rc
1
1
77
UNITS
1.95
25
RED
BLUE
3.3
585
25
mA
VDC
mcd
FORWARD CURRENT
LED SPECS
FORWARD VOLTAGE @20mA
LUMINOUS INTENSITY @ 10mA
L1
(RED)
LC
L2
(BLUE)
LED SCHEMATIC
CIRCUIT: SPST
2
1
1
2
LC
L1
L2
P.C.B. LAYOUT
L1 L2
L3
1
2
12
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 12VDC, 12mA; SPST
5. CONTACT MATERIAL: GOLD
6. CONTACT RESISTANCE: 50 MILLI-OHM MAX.
7. INSULATION RESISTANCE: 500VDC, 100 MEGA-OHM MIN.
8. OPERATING FORCE: 150
`100GF
9. OPERATING LIFE: 200,000 CYCLES
10. OPERATING TEMP: -20
~C TO +70~C
11. LED COLORS: BLUE, RED
12. TRAVEL: 2.20mm±0.20
13. 2002/95/EC (ROHS) COMPLIANT
14.
DENOTES CRITICAL PARAMETER.
A
18147
New Release
6/18/08
rc
15.50
[.610 in]
15.50
[.610 in]
15.00
[.591 in]
12.20
[.480 in]
14.40
[.567 in]
2.36
[.093 in]
3.50
[.138 in]
3.50
[.138 in]
1.25
[.049 in]
1.20
[.047 in]
2.54
[.100 in]
5.00
[.197 in]
5.08
[.200 in]
11.00
[.433 in]
12.50
[.492 in]
1.00
[.039 in]
.50
[.020 in]
.30
[.012 in]
.32
[.013 in]
20.70
[.815 in]
12.25
[.482 in]
11.00
[.433 in]
12.50
[.492 in]
5.00
[.197 in]
5.30
[.209 in]
6.00
[.236 in]
2.54
[.100 in]
5.08
[.200 in]
6.25
[.246 in]
.04
[.002 in]
2.96
[.117 in]
n2.00
[.079 in]
n1.40
[.055 in]
n1.30
[.051 in]
B
19589
CHANGED DIMS: was 15.6 & 5.07
1/14/11
BGL
B
B
B


Similar Part No. - B220000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B220001 E-SWITCH-B220001 Datasheet
105Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B220002 E-SWITCH-B220002 Datasheet
105Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B220003 E-SWITCH-B220003 Datasheet
106Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B220004 E-SWITCH-B220004 Datasheet
106Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B220005 E-SWITCH-B220005 Datasheet
85Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B220000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com