Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA52-11EWA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SA52-11EWA
Description  13.2MM SINGLE DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA52-11EWA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SA52-11EWA Datasheet HTML 1Page - List of Unclassifed Manufacturers SA52-11EWA Datasheet HTML 2Page - List of Unclassifed Manufacturers SA52-11EWA Datasheet HTML 3Page - List of Unclassifed Manufacturers SA52-11EWA Datasheet HTML 4Page - List of Unclassifed Manufacturers SA52-11EWA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: KDA0327
REV NO: V.1
DATE: SEP/15/2001
PAGE: 2 OF 5
APPROVED:J.LU
CHECKED:
DRAWN:X.Q.ZHENG
Selection Guide
Electrical / Optical Characteristics at T)=25°°°°°C
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
D
)
d
c
u
(
v
I)
d
c
u
(
v
I
)
d
c
u
(
v
I
)
d
c
u
(
v
I)
d
c
u
(
v
I
A
m
0
1
@
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
A
W
E
1
1
-
2
5
A
S
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H0
0
9
10
0
4
6
l
a
m
i
c
e
D
d
n
a
H
.t
R
,
e
d
o
n
A
n
o
m
m
o
C
A
W
E
1
1
-
2
5
C
S
l
a
m
i
c
e
D
d
n
a
H
.t
R
,
e
d
o
h
t
a
C
n
o
m
m
o
C
A
W
G
1
1
-
2
5
A
S
)
P
a
G
(
N
E
E
R
G0
0
0
30
0
5
0
1
l
a
m
i
c
e
D
d
n
a
H
.t
R
,
e
d
o
n
A
n
o
m
m
o
C
A
W
G
1
1
-
2
5
C
S
l
a
m
i
c
e
D
d
n
a
H
.t
R
,
e
d
o
h
t
a
C
n
o
m
m
o
C
A
W
Y
1
1
-
2
5
A
S
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y0
0
9
10
0
7
4
l
a
m
i
c
e
D
d
n
a
H
.t
R
,
e
d
o
n
A
n
o
m
m
o
C
A
W
Y
1
1
-
2
5
C
S
l
a
m
i
c
e
D
d
n
a
H
.t
R
,
e
d
o
h
t
a
C
n
o
m
m
o
C
A
W
R
S
1
1
-
2
5
A
S
)
s
A
l
A
a
G
(
D
E
R
T
H
G
I
R
B
R
E
P
U
S0
0
0
80
0
0
4
2
l
a
m
i
c
e
D
d
n
a
H
.t
R
,
e
d
o
n
A
n
o
m
m
o
C
A
W
R
S
1
1
-
2
5
C
S
l
a
m
i
c
e
D
d
n
a
H
.t
R
,
e
d
o
h
t
a
C
n
o
m
m
o
C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
7
2
6
5
6
5
0
9
5
0
6
6
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
5
2
6
8
6
5
8
8
5
0
4
6
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
5
4
0
3
5
3
0
2
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
5
1
5
1
0
2
5
4
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
0
.
2
2
.
2
1
.
2
5
8
.
1
5
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
IR
t
n
e
rr
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V


Similar Part No. - SA52-11EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA52-11EWA KINGBRIGHT-SA52-11EWA Datasheet
149Kb / 5P
   13.2 MM SIGNLE DIGIT NUMERIC DISPLAYS
SA52-11EWA KINGBRIGHT-SA52-11EWA Datasheet
162Kb / 3P
   Standard-Displays
SA52-11EWA KINGBRIGHT-SA52-11EWA Datasheet
183Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA52-11EWA

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUY13C SUNLED-DUY13C Datasheet
178Kb / 4P
   13.2mm(0.52?? SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SC52-11SRWA KINGBRIGHT-SC52-11SRWA_1 Datasheet
128Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR13A SUNLED-DMR13A Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUG13A SUNLED-DUG13A Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA52-11EWA KINGBRIGHT-SA52-11EWA Datasheet
183Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
SC52-11SRWA KINGBRIGHT-SC52-11SRWA Datasheet
157Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
SC52-11GWA KINGBRIGHT-SC52-11GWA Datasheet
182Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUG13C SUNLED-DUG13C Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DMR13C SUNLED-DMR13C Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA52-11GWA KINGBRIGHT-SA52-11GWA_11 Datasheet
225Kb / 6P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com