Electronic Components Datasheet Search |
|
LM75BIM-3 Datasheet(PDF) 10 Page - National Semiconductor (TI) |
|
|
LM75BIM-3 Datasheet(HTML) 10 Page - National Semiconductor (TI) |
10 / 18 page 1.0 Functional Description (Continued) 1.10 INTERNAL REGISTER STRUCTURE 01265808 There are four data registers in the LM75, selected by the Pointer register. At power-up the Pointer is set to “00”; the location for the Temperature Register. The Pointer register latches whatever the last location it was set to. In Interrupt Mode, a read from the LM75, or placing the device in shut- down mode, resets the O.S. output. All registers are read and write, except the Temperature register which is read only. A write to the LM75 will always include the address byte and the Pointer byte. A write to the Configuration register re- quires one data byte, and the T OS and THYST registers require two data bytes. Reading the LM75 can take place either of two ways: If the location latched in the Pointer is correct (most of the time it is expected that the Pointer will point to the Temperature reg- ister because it will be the data most frequently read from the LM75), then the read can simply consist of an address byte, followed by retrieving the corresponding number of data bytes. If the Pointer needs to be set, then an address byte, pointer byte, repeat start, and another address byte will accomplish a read. The first data byte is the most significant byte with most significant bit first, permitting only as much data as neces- sary to be read to determine temperature condition. For instance, if the first four bits of the temperature data indi- cates an overtemperature condition, the host processor could immediately take action to remedy the excessive tem- peratures. At the end of a read, the LM75 can accept either Acknowledge or No Acknowledge from the Master (No Ac- knowledge is typically used as a signal for the slave that the Master has read its last byte). An inadvertent 8-bit read from a 16-bit register, with the D7 bit low, can cause the LM75 to stop in a state where the SDA line is held low as shown in Figure 5. This can prevent any further bus communication until at least 9 additional clock cycles have occurred. Alternatively, the master can issue clock cycles until SDA goes high, at which time issuing a “Stop” condition will reset the LM75. 01265809 FIGURE 5. Inadvertent 8-Bit Read from 16-Bit Register where D7 is Zero (“0”) www.national.com 10 |
Similar Part No. - LM75BIM-3 |
|
Similar Description - LM75BIM-3 |