Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C226Z5VACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C226Z5VACTU
Description  Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C226Z5VACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C226Z5VACTU Datasheet HTML 1Page - Kemet Corporation C0402C226Z5VACTU Datasheet HTML 2Page - Kemet Corporation C0402C226Z5VACTU Datasheet HTML 3Page - Kemet Corporation C0402C226Z5VACTU Datasheet HTML 4Page - Kemet Corporation C0402C226Z5VACTU Datasheet HTML 5Page - Kemet Corporation C0402C226Z5VACTU Datasheet HTML 6Page - Kemet Corporation C0402C226Z5VACTU Datasheet HTML 7Page - Kemet Corporation C0402C226Z5VACTU Datasheet HTML 8Page - Kemet Corporation C0402C226Z5VACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1005_Y5V_SMD • 2/29/2016
1
One world. One KEMET
Benefits
• −30°Cto+85°Coperatingtemperaturerange
• Lead (Pb)-Free, RoHS and REACH compliant
• EIA 0402, 0603, 0805, 1206, and 1210 case sizes
• DCvoltageratingsof6.3V,10V,16V,25V,and50V
• Capacitanceofferingsrangingfrom0.022μFto22μF
• Availablecapacitancetoleranceof+80%/−20%
• Non-polardevice,minimizinginstallationconcerns
• 100%puremattetin-platedterminationfinishthatallowingfor
excellent solderability
Applications
Typicalapplicationsincludelimitedtemperature,decouplingand
bypass.
Overview
KEMET’sY5Vdielectricfeaturesan85°Cmaximum
operatingtemperatureandisconsidered“general-purpose.”
TheElectronicsComponents,Assemblies&Materials
Association(EIA)characterizesY5VdielectricasaClassIII
material.Componentsofthisclassificationarefixed,ceramic
dielectriccapacitorssuitedforbypassanddecouplingorother
applicationsinwhichdielectriclosses,highinsulationresistance
andcapacitancestabilityarenotofmajorimportance.Y5Vexhibits
apredictablechangeincapacitancewithrespecttotimeand
voltageanddisplayswidevariationsincapacitancewithreference
toambienttemperature.Capacitancechangeislimitedto+22%,
−82%from−30°Cto+85°C.
SurfaceMountMultilayerCeramicChipCapacitors(SMDMLCCs)
Y5V Dielectric, 6.3 – 50 VDC (Commercial Grade)
Ordering Information
C
1210
C
226
Z
4
V
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
Dielectric FailureRate/
Design
TerminationFinish1 Packaging/Grade
(C-Spec)
0402
0603
0805
1206
1210
C = Standard
Twosignificant
digits+number
ofzeros
Z=+80%/-20%
M=±20%
9 = 6.3
8 = 10
4 = 16
3 = 25
5 = 50
V = Y5V
A = N/A
C=100%Matte
Sn
See"Packaging
C-SpecOrdering
Options Table"
below
1
Additional termination finish options may be available. Contact KEMET for details.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C0402C226Z5VACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C226J1RALTU KEMET-C0402C226J1RALTU Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0402C226J2RALTU KEMET-C0402C226J2RALTU Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0402C226J3RALTU KEMET-C0402C226J3RALTU Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0402C226J4RALTU KEMET-C0402C226J4RALTU Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0402C226J5RALTU KEMET-C0402C226J5RALTU Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C0402C226Z5VACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com