Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402T104K8RACTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C0402T104K8RACTU
Description  Commercial Off-The-Shelf (COTS) for Higher Reliability Applications, X7R Dielectric, 6.3 - 250 VDC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402T104K8RACTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C0402T104K8RACTU Datasheet HTML 3Page - Kemet Corporation C0402T104K8RACTU Datasheet HTML 4Page - Kemet Corporation C0402T104K8RACTU Datasheet HTML 5Page - Kemet Corporation C0402T104K8RACTU Datasheet HTML 6Page - Kemet Corporation C0402T104K8RACTU Datasheet HTML 7Page - Kemet Corporation C0402T104K8RACTU Datasheet HTML 8Page - Kemet Corporation C0402T104K8RACTU Datasheet HTML 9Page - Kemet Corporation C0402T104K8RACTU Datasheet HTML 10Page - Kemet Corporation C0402T104K8RACTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1027_X7R_COTS_SMD • 2/29/2016
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Commercial Off-The-Shelf (COTS) for Higher Reliability Applications, X7R Dielectric, 6.3 – 250 VDC
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2220 Case Sizes) cont'd
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
**Capacitance range Includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68 and 82)
Capacitance Cap Code
Case Size/
Series
C1210T
C1808T
C1812T
C1825T
C2220T
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
33,000 pF
333
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
39,000 pF
393
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
47,000 pF
473
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
56,000 pF
563
J
K
M FB FB FB FB FB FB FC FC LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
68,000 pF
683
J
K
M FB FB FB FB FB FB FC FC LD
GB GB GB GB GB HB HB HB HB JB JB JB
82,000 pF
823
J
K
M FB FB FB FB FB FC FF FF LD
GB GB GB GB GB HB HB HB HB JB JB JC JC JC
0.10 µF
104
J
K
M FB FB FB FB FB FD FG FG LD
GB GB GB GB GB HB HB HB HB JB JB JC JC JC
0.12 µF
124
J
K
M FB FB FB FB FB FD FH FH LD
GB GB GB GB GB HB HB HB HB JB JB JC JC JC
0.15 µF
154
J
K
M FC FC FC FC FC FD FM FM LD
GB GB GB GE GE HB HB HB HB JB JB JC JC JC
0.18 µF
184
J
K
M FC FC FC FC FC FD FK FK LD
GB GB GB GG GG HB HB HB HB JB JB JC JC JC
0.22 µF
224
J
K
M FC FC FC FC FC FD FK FK
GB GB GB GG GG HB HB HB HB JB JB JC JC JC
0.27 µF
274
J
K
M FC FC FC FC FC FD
GB GB GG GG GG HB HB HB HB JC JC JC JC JC
0.33 µF
334
J
K
M FD FD FD FD FD FD
GB GB GG GG GG HB HB HB HB JC JC JC JC JC
0.39 µF
394
J
K
M FD FD FD FD FD FD
GB GB GG GG GG HD HD HD HD JC JC JC JC JC
0.47 µF
474
J
K
M FD FD FD FD FD FD
GB GB GG GJ GJ HD HD HD HD JC JC JC JC JC
0.56 µF
564
J
K
M FD FD FD FD FD FF
GC GC GG
HD HD HD HD JC JD JD JD JD
0.68 µF
684
J
K
M FD FD FD FD FD FG
GC GC GG
HD HD HD HD JC JD JD JD JD
0.82 µF
824
J
K
M FF FF FF FF FF FL
GE GE GG
HF HF HF HF JC JF JF JF JF
1.0 µF
105
J
K
M FH FH FH FH FH FM
GE GE GG
HF HF HF HF JC JF JF JF JF
1.2 µF
125
J
K
M FH FH FH FH FG
JC JC
1.5 µF
155
J
K
M FH FH FH FH FG
JC JC
1.8 µF
185
J
K
M FH FH FH FH FG
JD JD
2.2 µF
225
J
K
M
FJ FJ FJ FJ FG
GO GO
JF JF
2.7 µF
275
J
K
M FE FE FE FG FH
3.3 µF
335
J
K
M FF FF FF FM FM
3.9 µF
395
J
K
M FG FG FG FG FK
4.7 µF
475
J
K
M FC FC FC FG FS
GK GK
JF JF
5.6 µF
565
J
K
M FF FF FF FH
6.8 µF
685
J
K
M FG FG FG FM
8.2 µF
825
J
K
M FH FH FH FK
10 µF
106
J
K
M FH FH FH FS
GK
JF JO
12 µF
126
J
K
M
15 µF
156
J
K
M
JO
18 µF
186
J
K
M
22 µF
226
J
K
M FS FS
JO
Capacitance
Cap
Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
Case Size/
Series
C1210T
C1808T
C1812T
C1825T
C2220T


Similar Part No. - C0402T104K8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402T101J5GACTU KEMET-C0402T101J5GACTU Datasheet
60Kb / 1P
   SMD COTS C0G, Ceramic, COTS, 100 pF, 5%, 50 VDC, C0G, SMD, MLCC, COTS, Ultra-Stable, Low Loss, Class I, 0402
C0402T102K5RACTU KEMET-C0402T102K5RACTU Datasheet
60Kb / 1P
   SMD COTS X7R, Ceramic, COTS, 1000 pF, 10%, 50 VDC, X7R, SMD, MLCC, COTS, Temperature Stable, Class II, 0402
C0402T103K5RACTU KEMET-C0402T103K5RACTU Datasheet
60Kb / 1P
   SMD COTS X7R, Ceramic, COTS, 0.01 uF, 10%, 50 VDC, X7R, SMD, MLCC, COTS, Temperature Stable, Class II, 0402
C0402T103K5RCLTU KEMET-C0402T103K5RCLTU Datasheet
71Kb / 1P
   Ceramic, COTS, SMD COTS X7R, 0.01 uF, 10%, 50 V, 0402, X7R, SMD, MLCC, COTS, Temperature Stable, Class II
More results

Similar Description - C0402T104K8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
F9038 KEMET-F9038 Datasheet
153Kb / 8P
   Ceramic Commercial-Off-The-Shelf Surface Mount Capacitors (COTS)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com