Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28083 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28083
Description  8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28083 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28083 Datasheet HTML 6Page - Texas Instruments UCC28083 Datasheet HTML 7Page - Texas Instruments UCC28083 Datasheet HTML 8Page - Texas Instruments UCC28083 Datasheet HTML 9Page - Texas Instruments UCC28083 Datasheet HTML 10Page - Texas Instruments UCC28083 Datasheet HTML 11Page - Texas Instruments UCC28083 Datasheet HTML 12Page - Texas Instruments UCC28083 Datasheet HTML 13Page - Texas Instruments UCC28083 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
UCC28083, UCC28084, UCC28085, UCC28086
UCC38083, UCC38084, UCC38085, UCC38086
SLUS488B − SEPTEMBER 2002 − REVISED MAY 2003
10
www.ti.com
layout considerations
To prevent noise problems, bypass VDD to GND with a ceramic capacitor as close to the chip as possible along
with an electrolytic capacitor. A 1-
µF decoupling capacitor is recommended.
Use a local ground plane near the small signal pins (CTRL, ISET, CS and RT) of the IC for shielding. Connect
the local ground plane to the GND pin with a single trace. Do not extend the local ground plane under the power
pins (VDD, OUTA, OUTB and GND). Instead, use signal return traces to the GND pin for ground returns on the
side of the integrated circuit with the power pins.
For best performance, keep the timing resistor lead from RT pin (pin 4) to GND (pin 5) as short as possible.
special layout considerations for the TSSOP package
Due to the different pinout and smaller lead pitch of the TSSOP package, special attention must be paid to
minimize noise problems. The pinout is different because the device had to be rotated 90
° to fit into the smaller
TSSOP package.
For example, the two output pins are now on opposite sides of the package. The traces should not run under
the package together as they will couple switching noise into analog pins.
Another common problem is when RT and OUTB (pins 6 and 8) are routed together for some distance even
though they are not immediate side by side pins. Because of this, when OUTB rises, a voltage spike of upto
400 mV can couple into the RT. This spike causes the internal charge current into CT to be turned off
momentarily resulting in lower duty cycle. It is also important that note that the RT pin voltage cannot be
stabilized with a capacitor. The RT pin is just a dc voltage to program the internal CT. Instead, keep the OUTB
and RT runs short and far from each other and follow the printed wiring board layout suggestions above to fix
the problem.
reference design
A reference design is discussed in 50-W Push-Pull Converter Reference Design Using the UCC38083, TI
Literature Number SLUU135. This design controls a push-pull synchronous rectified topology with input range
of 18 V to 35 V (24 nominal) and 3.3-V output at 15 A. The schematic is shown in Figure 5 and the board layout
for the reference design is shown in Figure 4. Refer to the document for further details.
Figure 4. Reference Design Layout


Similar Part No. - UCC28083

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28083D TI1-UCC28083D Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC28083DG4 TI1-UCC28083DG4 Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC28083DR TI1-UCC28083DR Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC28083DRG4 TI1-UCC28083DRG4 Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC28083P TI1-UCC28083P Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results

Similar Description - UCC28083

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28083D TI1-UCC28083D Datasheet
918Kb / 27P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com