Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2045CA Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MBR2045CA
Description  20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MBR2045CA Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MBR2045CA Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MBR2045CA Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220AB molded plastic
Terminals: Pure tin plated, lead free.
solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 2.1 gram approximately
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB
Unit : inch (mm)
®
MBR2035CA thru MBR20200CA
Pb
MBR2035CA thru MBR20200CA
20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
Pb Free Plating Product
Positive
Negative
Common Cathode
Case
Case
Common Anode
Suffix "CA"
Suffix "CT"
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.04/2014
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBR
2035
CA
MBR
2045
CA
MBR
2050
CA
MBR
2060
CA
MBR
2090
CA
MBR
20100
CA
MBR
20150
CA
MBR
20200
CA
Units
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IRRM
A
mA
0.15
mA
dV/dt
V/uS
Cj
pF
RθJC
TJ
TSTG
1.10
15
10
5
0.1
A
0.99
0.87
VF
Peak Repetitive Reverse Surge Current (Note 1)
0.85
0.85
0.75
0.95
0.84
0.80
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Temperature Range
Storage Temperature Range
- 65 to + 175
IR
Maximum Instantaneous Forward Voltage at: (Note 2)
IF=10A, TA=25℃
IF=10A, TA=125℃
IF=20A, TA=25℃
IF=20A, TA=125℃
Typical Thermal Resistance Per Leg
Type Number
1.0
0.72
Maximum Instantaneous Reverse Current @ T A=25 ℃
at Rated DC Blocking Voltage
@ T A=125 ℃
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20KHz)
IFRM
20
A
IF(AV)
Maximum DC Blocking Voltage
20
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Maximum Average Forward Rectified Current
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Typical Junction Capacitance
400
320
IFSM
Voltage Rate of Change (Rated V R)
0.70
0.95
0.85
0.5
150
-
0.57
V
1.23
1.0
2.0
- 65 to + 150
10000
/W


Similar Part No. - MBR2045CA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBR2045CA THINKISEMI-MBR2045CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
More results

Similar Description - MBR2045CA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBR2035CA THINKISEMI-MBR2035CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
FRH20A045 THINKISEMI-FRH20A045 Datasheet
359Kb / 2P
   20.0 Ampere Insulated Dual Common Anode Schottky Barrier Rectifiers
MBR2045FCA THINKISEMI-MBR2045FCA Datasheet
828Kb / 2P
   20.0 Ampere Insulated Dual Common Anode Schottky Barrier Rectifiers
Rev.13T
ISR20100A THINKISEMI-ISR20100A Datasheet
352Kb / 2P
   20.0 Ampere Insulated Dual Common Anode Schottky Barrier Rectifiers
MBR2045FCTR THINKISEMI-MBR2045FCTR Datasheet
828Kb / 2P
   20.0 Ampere Insulated Dual Common Anode Schottky Barrier Rectifiers
Rev.13T
SDB2045PR THINKISEMI-SDB2045PR Datasheet
829Kb / 2P
   20.0 Ampere Insulated Dual Common Anode Schottky Barrier Rectifiers
Rev.13T
SB20100CT THINKISEMI-SB20100CT Datasheet
340Kb / 2P
   20.0 Ampere Dual Common Cathode Schottky Barrier Rectifiers
FCH20A045 THINKISEMI-FCH20A045 Datasheet
1Mb / 2P
   20.0 Ampere Insulated Dual Common Cathode Schottky Barrier Rectifiers
MBR2045FCT THINKISEMI-MBR2045FCT Datasheet
863Kb / 2P
   20.0 Ampere Insulated Dual Common Cathode Schottky Barrier Rectifiers
Rev.13T
SDB2045PI THINKISEMI-SDB2045PI Datasheet
830Kb / 2P
   20.0 Ampere Insulated Dual Common Cathode Schottky Barrier Rectifiers
Rev.13T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com