Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4080B Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # U4080B
Description  Voice-Switched Circuit for Handsfree Operation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4080B Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button U4080B Datasheet HTML 4Page - TEMIC Semiconductors U4080B Datasheet HTML 5Page - TEMIC Semiconductors U4080B Datasheet HTML 6Page - TEMIC Semiconductors U4080B Datasheet HTML 7Page - TEMIC Semiconductors U4080B Datasheet HTML 8Page - TEMIC Semiconductors U4080B Datasheet HTML 9Page - TEMIC Semiconductors U4080B Datasheet HTML 10Page - TEMIC Semiconductors U4080B Datasheet HTML 11Page - TEMIC Semiconductors U4080B Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
U4080B
TELEFUNKEN Semiconductors
Rev. A1, 20-May-96
Preliminary Information
8 (15)
Log Amplifiers (Transmit and Receive Level Detectors)
The log amplifiers monitor the levels of the transmit and
receive signals so as to tell the I-R comparator which
mode is in operation. The input signals are applied to the
amplifiers (at TLI and RLI) through coupling capacitors
and current limiting resistors.
The value of these components determines the sensitivity
of the respective amplifiers and has an effect on the
switching times between transmit and receive modes.
The feedback elements for the amplifiers are back-to-
back diodes which provide a logarithmic gain curve, thus
allowing the operation over a wide range of signal levels.
The output of the amplifiers are rectified, having a fast
rise time and a slow decay time. The rise time (
x 1 ms)
is determined by the capacitor at Pin 6 (or Pin 8) and an
internal 500
Ω resistor.
The decay time (
x 1 s) is determined by the external RC
values at Pin 7. The switching time is not fixed, but
depends on the relative values of the transmit and receive
signals, as well as these external components. Figure 7
indicates the dc transfer characteristics of the log amps,
and figure 8 indicates the transfer characteristics with
respect to an ac input signal. The dc level at Pins 5 to 8
is approximately VB.
0
20
406080
0
50
100
150
200
250
II ( mA )
100
94 7873 e
Figure 7.
020
40
60
0
50
100
150
Vi (mVpp )
80
R = 2.7 k
W
C = 0.1
mF
R = 4.7 k
W
C = 68 nF
Input
C
R
Output
Log
2.2
mF
2.2
MW
94 7874 e
Figure 8.
The T-R comparators responds to the voltages at TLO and
RLO, which in turn are functions of the currents sourced
out of TLI and RLI, respectively. If an offset at the
comparator input is desired (e.g., to prevent noise from
switching the system or to give preference to either the
transmit or receive channel) it may be achieved by biasing
the appropriate input (Pin 5 or 7). A resistor to ground will
cause a dc current to flow out of that input, thus forcing
the output of that amplifier to be biased slightly higher
than normal. This amplifier then becomes the preferred
one in the system operation. Resistor values from 500 k
to 10 M
Ω are recommended for this purpose.
Speaker Amplifier
The speaker amplifier has fixed gain of 34 dB and is non-
inverting. The input impedance is nominally 22 k
Ω as
long as the output signal is lower than required to activate
the peak limiter. Figure 9 shows the typical speaker am-
plifier output (SAO) swing at Pin 15. Since the output
current capability is 100 mA, the lower curve is limited
to a 5.0 V swing. The output impedance depends on the
output signal level and is relatively low when the signal
level is lower than the maximum limits. At 3 VPP the out-
put impedance is
x 0.5 Ω, and at 4.5 VPP it is x 3 Ω. The
output
is
short-circuit
protected
at
approximately
300 mA.
When the amplifier is overdriven, the peak limiter causes
a portion of the input signal to be shunted to ground in or-
der to maintain a constant output level. The effect is that
of a gain reduction caused by a reduction of the input
impedance at Pin 19 (SAI) to a value not less than 2 k
Ω.
The capacitor at Pin 17 (AGC) determines the response
time of the peak limiter circuit. When a large input signal
is applied to SAI, the voltage at Pin 17 will drop quickly
as a current source is applied to the external capacitor.


Similar Part No. - U4080B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
Unisonic Technologies
U4082B UTC-U4082B Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
ATMEL Corporation
U4082B-MFLG ATMEL-U4082B-MFLG Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
U4082B-MFLG3G ATMEL-U4082B-MFLG3G Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
Unisonic Technologies
U4082BG-D28-T UTC-U4082BG-D28-T Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Similar Description - U4080B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4084B TEMIC-U4084B Datasheet
544Kb / 26P
   Low-Voltage, Voice-Switched Circuit for Hands-Free Operation
logo
Ericsson
PBL38812 ERICSSON-PBL38812 Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_13 Datasheet
378Kb / 21P
   Voice Switched Speakerphone Circuit Chip disable for active/standby operation
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com