Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-BGA676D-B-05F Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SF-BGA676D-B-05F
Description  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SF-BGA676D-B-05F Datasheet(HTML) 1 Page - Ironwood Electronics.

  SF-BGA676D-B-05F Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
Threaded Insert
3.18mm
[0.125"]
0.33mm
[0.013"]
0.80mm
2.54mm
[0.100"]
25.725mm
[1.013"]
20.00mm [0.787"]
30.725mm [1.210"]
3.24mm [0.127"]
2.50mm [0.098"]
20.00mm
[0.787"]
5.08mm
[0.200"]
2.86mm
[0.113"]
2.50mm
[0.098"]
30.725mm
[1.210"]
25.725mm [1.013"]
Ø 0.60mm typ. [Ø 0.024"]
Substrate: 3.18mm ±0.25mm [0.125" ±0.001"] FR4/G10 or
equivalent high temp material. 17µm [1/2 oz.] Cu clad. Au
plating. (RoHS)
Solder ball: Sn96.5Ag3.0Cu0.5
1
2
Ø 0.46mm typ. [Ø 0.018"]
Side View
Top View
Description: BGA Surface Mount Adaptor
676 position surface mount land pattern to solder balls. To be used with GHz sockets.
Status: Released
Drawing: S.Natarajan
Scale: 3:1
Rev: A
Date: 5/17/06
Modified:
File: SF-BGA676D-B-05F Dwg
SF-BGA676D-B-05F Drawing
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400 Burnsville MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
RoHS COMPLIANT


Similar Part No. - SF-BGA676D-B-05F

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-BGA676D-B-05 IRONWOOD-SF-BGA676D-B-05 Datasheet
189Kb / 1P
   Materials and specifications are subject to change without notice
More results

Similar Description - SF-BGA676D-B-05F

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com