Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1977 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # F1977
Description  Digital Step Attenuator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1977 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button F1977 Datasheet HTML 7Page - Integrated Device Technology F1977 Datasheet HTML 8Page - Integrated Device Technology F1977 Datasheet HTML 9Page - Integrated Device Technology F1977 Datasheet HTML 10Page - Integrated Device Technology F1977 Datasheet HTML 11Page - Integrated Device Technology F1977 Datasheet HTML 12Page - Integrated Device Technology F1977 Datasheet HTML 13Page - Integrated Device Technology F1977 Datasheet HTML 14Page - Integrated Device Technology F1977 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
F1977
Rev 1, 04/21/2016
11
7-Bit, 75 Ω
Ω, Digital Step Attenuator
TYPICAL OPERATING CONDITIONS (- 1 -)
Insertion Loss vs Frequency
RF1 Return Loss vs Frequency [All States]
RF2 Return Loss vs Frequency [All States]
Insertion Loss vs Attenuation State
RF1 Return Loss vs Attenuation State
RF2 Return Loss vs Attenuation State
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40 C
+25 C
+105 C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
1 GHz, -40 C
1 GHz, +25 C
1 GHz, +105 C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.01 GHz
0.25 GHz
0.50 GHz
0.75 GHz
1.00 GHz
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz
2.25 GHz
2.50 GHz
2.75 GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.01 GHz
0.25 GHz
0.50 GHz
0.75 GHz
1.00 GHz
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz
2.25 GHz
2.50 GHz
2.75 GHz


Similar Part No. - F1977

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
F1977NBGI8 RENESAS-F1977NBGI8 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
More results

Similar Description - F1977

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com