Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1977 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # F1977
Description  Digital Step Attenuator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1977 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button F1977 Datasheet HTML 2Page - Integrated Device Technology F1977 Datasheet HTML 3Page - Integrated Device Technology F1977 Datasheet HTML 4Page - Integrated Device Technology F1977 Datasheet HTML 5Page - Integrated Device Technology F1977 Datasheet HTML 6Page - Integrated Device Technology F1977 Datasheet HTML 7Page - Integrated Device Technology F1977 Datasheet HTML 8Page - Integrated Device Technology F1977 Datasheet HTML 9Page - Integrated Device Technology F1977 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
F1977
7-Bit, 75 Ω
Ω, Digital Step Attenuator
6
Rev 1, 04/21/2016
PROGRAMMING OPTIONS
F1977 can be programmed using either the parallel or serial interface; selectable via VMODE (pin 3). Serial
mode is selected by floating VMODE or pulling VMODE to a logic high and parallel mode is selected by setting
VMODE to logic low.
SERIAL CONTROL MODE
F1977 Serial mode is selected by floating VMODE (pin 3) or pulling it to logic high. The serial interface is a
16-bit shift register made up of two words. The first 8-bit word is the Attenuation word, which controls the
DSA state. The second word is the address word, which uses only 3 of 8-bits that must match the hard wired
A0-A2 programming in order to change the DSA state. If no external connections are made to A0 – A2 then
internally they will default to 000 due to internal pull down resistors. If these 3 external preset address bits
are not matched with the SPI loaded address bits then the current attenuator state will remain unchanged.
This allows up to 8 serial-controlled devices to be used on a single board, which share a common DATA, CLK
and LE.
When serial programming is used, all the parallel control input pins 26 – 32 can be left open or grounded. If a
pin is grounded than an additional 25 A will be drawn from the voltage supply per pin.
Set to either Logic High or Low
Set to Logic Low
MSB (Last In)
LSB (First In)
Q15
Q14
Q13
Q12
Q11
Q10
Q9
Q8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
8-Bit Address Word
8-Bit Attenuation Word
Figure 2 - Two 8-bit words are comprised of 16-bit serial in, parallel out shift register
Table 1 - Truth Table for the Serial Address Word
A7
(MSB)
A6
A5
A4
A3
A2
A1
A0
Address
Setting
X
X
X
X
X
0
0
0
000
X
X
X
X
X
0
0
1
001
X
X
X
X
X
0
1
0
010
X
X
X
X
X
0
1
1
011
X
X
X
X
X
1
0
0
100
X
X
X
X
X
1
0
1
101
X
X
X
X
X
1
1
0
110
X
X
X
X
X
1
1
1
111


Similar Part No. - F1977

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
F1977NBGI8 RENESAS-F1977NBGI8 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
More results

Similar Description - F1977

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com