Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1062672052 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1062672052
Description  VersaBeam POD Cable Assembly, Male, Multimode, 50/125m, 48 Fiber Bare
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1062672052 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1062672052 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1062672052
Status:
Active
Overview:
Optical Connectivity Solutions
Description:
VersaBeam™ POD Cable Assembly, Male, Multimode, 50/125µm, 48 Fiber Bare
Ribbon, 1.0m
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
106267
Boot Type
Straight
Connector to Connector
VersaBeam™ POD-to-48F MTP*(M)
Mode
Multimode
Overview
Optical Connectivity Solutions
Product Name
VersaBeam™
UPC
884982378223
Physical
Cable Length
1.01m
Cable Size
50/125µm
Fiber (Core/Cladding)
50/125µm
Single Ended
No
Wire/Cable Type
Fiber Optic
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-106267-2041
*MTP is a registered trademark of US Conec Ltd.
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
106267 Series
This document was generated on 11/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1062672052

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1062672051 MOLEX11-1062672051 Datasheet
59Kb / 1P
   VersaBeam POD Cable Assembly, Male, Multimode, 50/125m, 48 Fiber Bare
More results

Similar Description - 1062672052

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1062672051 MOLEX11-1062672051 Datasheet
59Kb / 1P
   VersaBeam POD Cable Assembly, Male, Multimode, 50/125m, 48 Fiber Bare
1062672041 MOLEX11-1062672041 Datasheet
59Kb / 1P
   VersaBeam POD Cable Assembly, Female, Multimode, 50/125m, 48 Fiber Bare
1062672042 MOLEX11-1062672042 Datasheet
59Kb / 1P
   VersaBeam POD Cable Assembly, Female, Multimode, 50/125m, 48 Fiber Bare
106267-2051 MOLEX11-106267-2051 Datasheet
67Kb / 1P
   VersaBeam POD Cable Assembly, Male, Multimode, 50/125m, 48 Fiber Bare Ribbon, 0.50m
106267-2052 MOLEX11-106267-2052 Datasheet
67Kb / 1P
   VersaBeam POD Cable Assembly, Male, Multimode, 50/125m, 48 Fiber Bare Ribbon, 1.0m
1062672011 MOLEX11-1062672011 Datasheet
59Kb / 1P
   VersaBeam POD Cable Assembly, Male, Multimode, 50/125m, 12 Fiber Bare
1062672012 MOLEX11-1062672012 Datasheet
59Kb / 1P
   VersaBeam POD Cable Assembly, Male, Multimode, 50/125m, 12 Fiber Bare
1062672013 MOLEX11-1062672013 Datasheet
59Kb / 1P
   VersaBeam POD Cable Assembly, Male, Multimode, 50/125m, 12 Fiber Bare
106267-2042 MOLEX11-106267-2042 Datasheet
67Kb / 1P
   VersaBeam POD Cable Assembly, Female, Multimode, 50/125m, 48 Fiber Bare Ribbon, 1.0m
106267-2001 MOLEX11-106267-2001 Datasheet
70Kb / 1P
   VersaBeam POD Cable Assembly, Female, Multimode, 50/125m, 12 Fiber Bare
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com