Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X2572-20B Datasheet(PDF) 5 Page - Amphenol Corporation

Part # X2572-20B
Description  RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

X2572-20B Datasheet(HTML) 5 Page - Amphenol Corporation

  X2572-20B Datasheet HTML 1Page - Amphenol Corporation X2572-20B Datasheet HTML 2Page - Amphenol Corporation X2572-20B Datasheet HTML 3Page - Amphenol Corporation X2572-20B Datasheet HTML 4Page - Amphenol Corporation X2572-20B Datasheet HTML 5Page - Amphenol Corporation X2572-20B Datasheet HTML 6Page - Amphenol Corporation X2572-20B Datasheet HTML 7Page - Amphenol Corporation X2572-20B Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
The reporting software has been enhanced to enable
easy review and printing of the audit trail based on
dates,timesand/oreventsforexample,thesystem
administrator can select to review “all failed login
attempts for the last 30 days.” There is now also
notification to the user and logged entries in the audit
trail if files are tampered with or deleted from within
Windows Explorer™
Mean Kinetic Temperature
The Reporting Software provides Mean Kinetic
Temperature calculation to the user. Mean Kinetic
Temperature (MKT) is single calculated temperature
at which the total amount of degradation over
a particular period is equal to the sum of the
individual degradations that would occur at various
temperatures.
Saturated Steam Calculation
Easy integration between temperature and pressure
enables EN554 compliance and determination of
Saturated Steam conditions
Equilibration Calculation
Steam in Place Application
The Kaye RF ValProbe® system permits up to 100
distributed nodes, measuring both temperature and
pressure. The system allows large SIP systems to
be validated or re-validated in single large sections
without the need for repeated SIP studies.
The temperature sensor is a precision small diameter
bendable type RTD designed to permit easy access to
pipes and vessels through gaskets. The temperature
probe remains in place and can be fed along pipe work
or placed into stainless vessels or filter bodies.
The high accuracy pressure transducer is designed for
121C and 134C operation and is calibration compliant
to ISO 17025 at these extended temperatures. It is
powered externally, easy to connect and simple to
configurate with the RF ValProbe® software.


Similar Part No. - X2572-20B

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
logo
IC MICROSYSTEMS
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020D ICMIC-X25020D Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DG ICMIC-X25020DG Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DP ICMIC-X25020DP Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X2572-20B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWSTK6000B SILABS-SLWSTK6000B Datasheet
2Mb / 34P
   EFR32MG12 2.4 GHz Mesh Networking Starter Kit
Rev. 1.02
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
   2.4 GHz ISM RF Application
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com