Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPC-1210-015-D-1-S Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NPC-1210-015-D-1-S
Description  High sensitivity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPC-1210-015-D-1-S Datasheet(HTML) 3 Page - Amphenol Corporation

  NPC-1210-015-D-1-S Datasheet HTML 1Page - Amphenol Corporation NPC-1210-015-D-1-S Datasheet HTML 2Page - Amphenol Corporation NPC-1210-015-D-1-S Datasheet HTML 3Page - Amphenol Corporation NPC-1210-015-D-1-S Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPC-1210SeriesSpecifications
Medium Pressure Sensors
Pressure Ranges
•Gaugeanddifferential:
•5psi(34kPa,0.34bar)
•15psi(100kPa,1.0bar)
•30psi(210kPa,2.1bar)
•50psi(340kPa,3.4bar)
•100psi(690kPa,6.9bar)
•Absolute:
•15psi(100kPa,1.0bar)
•30psi(210kPa,2.1bar)
•50psi(340kPa,3.4bar)
•100psi(690kPa,6.9bar)
•Forotherpressureranges,pleasecontactNovaSensor.
Parameter
Value
Units
Notes
Environmental
TemperatureRange
Operating
–40to125
°C
(-40°to257°F)
Compensated
0to60
°C
(32°Fto140°F)
Storage
–55to150
°C
(–67to302°F)
Mechanical
Weight
2.5
g
(0.005lb)
Media
Compatibility
Compatiblewith
exposedmaterials
7
Positive
differential and
gauge ports
Dry gases
only
Absolute.
negative
differential ports
Dry gases
only
Parameter
Units
Minimum
Typical
Maximum
Notes
Performance Parameters *
FSOutput(FSO)
mV
75
100
150
2,3
ZeroPressure
Output
mV
-2
2
3
Linearity
%FSO
-0.1
0.1
4,8
Pressure
Hysteresis
%FSO
-0.1
0.1
InputImpedance
W
2500
4000
6000
Output
Impedance
W
4000
5000
6000
Thermal
Accuracy–Span
%FSO
-0.5
0.5
3,5,8
Thermal
Accuracy–Zero
%FSO
-0.5
0.5
3,5,8
Temperature
Coefficient–
Resistance
%/°C
0.2
5
Thermal
Hysteresis–Zero
%FSO
0.1
5
InputExcitation
mA
1.5
2.0
Pressure
Overload
Rated
3X
6
* 1.
Supply current = 1.5 mA and ambient temperature = 77°F (25°C),
unless otherwise noted.
2.
Output span of unamplified sensor.
3.
Compensation resistors are an integral part of the sensor package;
no additional external resistors are required. Pins 7 and 8 must be kept open.
The NPC-1210 is interchangeable only when used with the gain set resistor
shown in the schematic diagram. Maximum gain-set resistor mismatch is 2%.
4.
Best fit straight line.
5.
Temperature range 32°F to 140°F (0°C to 60°C), reference to 77°F (25°C).
6.
3X or 200 psi (13.78 bar) maximum, whichever is less.
7.
Exposed materials are pyrex, ceramic, silicon, epoxy, RTV, and stainless steel.
8.
5 psi (0.34 bar) spec.: Linearity: 0.25 ±%FSO, TC-span:
0.75 ±%FSO, TC-zero: 0.75 ±%FSO. otherwise noted.
Low Pressure Sensors
Pressure Ranges
• Gaugeanddifferential:
•10inH20(2.5kPa,0.025bar)
•1psi(6.9kPa,0.069bar)
Parameter
Value
Units
Notes
Environmental
TemperatureRange
Operating
–40to125
°C
(-40°to257°F)
Compensated
0to60
°C
(32°Fto140°F)
Storage
–55to150
°C
(–67to302°F)
Mechanical
Weight
2.5
g
(0.005lb)
Media
Compatibility
Compatiblewith
exposedmaterials
7
Positive
differential and
gauge ports
Dry gases
only
Absolute.
negative
differential ports
Dry gases
only
Parameter
Units
Minimum Typical
Maximum Notes
Performance Parameters *
FSO10inH2O
mV
25
50
70
2,3
FSO1psi
mV
50
75
110
2,3
ZeroPressure
Output
mV
-2
2
3
Linearity
%FSO
-0.5
0.5
4
Pressure
Hysteresis
%FSO
-0.1
0.1
InputImpedance
W
2500
4000
6000
Output
Impedance
W
4000
5000
6000
Thermal
Accuracy–Span
%FSO
-1.0
1.0
3,5
Thermal
Accuracy–Zero
%FSO
-1.25
1.25
3,5
Temperature
Coefficient–
Resistance
%/°C
0.22
5
Thermal
Hysteresis–Zero
%FSO
0.1
5
InputExcitation
mA
1.5
2.0
Pressure
Overload
psi(bar)
5(0.34)
6


Similar Part No. - NPC-1210-015-D-1-S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPC-120-T AMPHENOL-NPC-120-T Datasheet
109Kb / 4P
   Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1201 ETC2-NPC-1201 Datasheet
1Mb / 1P
   Unless specified on the drawing, tolerances are per the follows
NPC-1201 ETC2-NPC-1201 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
NPC-1202 ETC2-NPC-1202 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
logo
Amphenol Corporation
NPC-1220 AMPHENOL-NPC-1220 Datasheet
77Kb / 4P
   50 mV full scale output (FSO)
More results

Similar Description - NPC-1210-015-D-1-S

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
   High Sensitivity
logo
CIT Relay & Switch
J104D CIT-J104D Datasheet
101Kb / 2P
   High sensitivity
logo
OmniVision Technologies...
OV9674 OMNIVISION-OV9674 Datasheet
3Mb / 2P
   high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
   High sensitivity
logo
Everlight Electronics C...
EAITRAA2 EVERLIGHT-EAITRAA2 Datasheet
767Kb / 10P
   High sensitivity
logo
Lite-On Technology Corp...
LTR-546AD LITEON-LTR-546AD Datasheet
146Kb / 4P
   HIGH PHOTO SENSITIVITY
logo
Micropac Industries
65025 MICROPAC-65025 Datasheet
42Kb / 2P
   High magnetic sensitivity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com