Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG-534 Datasheet(PDF) 1 Page - Analog Devices

Part # UG-534
Description  Isolated error amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-534 Datasheet(HTML) 1 Page - Analog Devices

  UG-534 Datasheet HTML 1Page - Analog Devices UG-534 Datasheet HTML 2Page - Analog Devices UG-534 Datasheet HTML 3Page - Analog Devices UG-534 Datasheet HTML 4Page - Analog Devices UG-534 Datasheet HTML 5Page - Analog Devices UG-534 Datasheet HTML 6Page - Analog Devices UG-534 Datasheet HTML 7Page - Analog Devices UG-534 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board User Guide
UG-534
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
i
Coupler ADuM3190 Isolated Error Amplifier Evaluation Board
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 8
FEATURES
Isolated error amplifier
Stable over time and temperature
0.5% initial accuracy
1% accuracy over the full temperature range
For Type II or Type III compensation networks
Reference voltage: 1.225 V
Low power operation: <7 mA total
Wide supply voltage range
VDD1: 3 V to 20 V
VDD2: 3 V to 20 V
Bandwidth: 400 kHz
Isolation voltage: 2.5 kV rms
Wide temperature range
−40°C to +125°C ambient operation
150°C maximum junction temperature
GENERAL DESCRIPTION
The EVAL-ADuM3190EBZ supports the ADuM3190
isolated
error amplifier based on Analog Devices, Inc., iCoupler®
technology. The ADuM3190 is ideal for linear feedback
power supplies with primary side controllers enabling
improvements in transient response, power density, and
stability as compared to commonly used optocoupler and
shunt regulator solutions. Included in the ADuM3190 is a
wideband operational amplifier that can be used to set up
a variety of commonly used power supply loop compensa-
tion techniques. The ADuM3190 is fast enough to allow a
feedback loop to react to fast transient conditions and over
current conditions. Also included is a high accuracy 1.225 V
reference to compare with the supply output set point.
Complete specifications for the ADuM3190 are provided in the
ADuM3190 data sheet available from Analog Devices, Inc., and
should be consulted in conjunction with this user guide when
using the evaluation board.
EVALUATION BOARD
Figure 1. EVAL-ADuM3190EBZ


Similar Part No. - UG-534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-532 AD-UG-532 Datasheet
421Kb / 12P
   Full-featured evaluation board
More results

Similar Description - UG-534

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712 FAIRCHILD-FOD2712 Datasheet
581Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2743A FAIRCHILD-FOD2743A Datasheet
619Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2711 FAIRCHILD-FOD2711_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com