Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG-515 Datasheet(PDF) 1 Page - Analog Devices

Part # UG-515
Description  Full-featured evaluation board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-515 Datasheet(HTML) 1 Page - Analog Devices

  UG-515 Datasheet HTML 1Page - Analog Devices UG-515 Datasheet HTML 2Page - Analog Devices UG-515 Datasheet HTML 3Page - Analog Devices UG-515 Datasheet HTML 4Page - Analog Devices UG-515 Datasheet HTML 5Page - Analog Devices UG-515 Datasheet HTML 6Page - Analog Devices UG-515 Datasheet HTML 7Page - Analog Devices UG-515 Datasheet HTML 8Page - Analog Devices UG-515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Evaluation Board User Guide
EVAL-ADAS3023EDZ
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluation Board for the ADAS3023 16-Bit, 8-Channel,
Simultaneous Sampling Data Acquisition System
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. A | Page 1 of 28
FEATURES
Full-featured evaluation board for the ADAS3023
Versatile analog signal conditioning circuitry
On-board reference, clock oscillator, and buffers
Converter evaluation and development board (EVAL-CED1Z)
compatible
PC software for control and data analysis (time and
frequency domain)
KIT CONTENTS
EVAL-ADAS3023EDZ evaluation board
ADDITIONAL EQUIPMENT NEEDED
EVAL-CED1Z board
Precision signal source
World-compatible 7 V dc supply (enclosed with EVAL-CED1Z)
USB cable
EVALUATION BOARD DESCRIPTION
The EVAL-ADAS3023EDZ is an evaluation board for the
ADAS3023 16-bit data acquisition system (DAS). This device
integrates an 8-channel low leakage track and hold, a high
impedance programmable gain instrumentation amplifier (PGIA)
stage with high common-mode rejection, a precision 16-bit
successive approximation (no latency) analog-to-digital
converter, and precision 4.096 V reference. It is capable of
converting two channels simultaneously up to 500,000 samples per
second (500 kSPS) throughput.
The evaluation board is designed to demonstrate the perform-
ance of the ADAS3023 and to provide an easy-to-understand
interface for a variety of system applications. A full description
of this product is available in the product data sheet and should
be consulted when utilizing this evaluation board.
The evaluation board is intended to be used with the Analog
Devices, Inc., converter evaluation and development (CED)
board, EVAL-CED1Z, a USB-based capture board connected
to P4, the 96-pin interface.
On-board components include a high precision, buffered band
gap 4.096 V reference (ADR434), a reference buffer (AD8032),
passive signal conditioning circuitry, and an FPGA for
deserializing the serial conversion results and configuring
the ADAS3023 via a 4-wire serial interface.
The P3 connector allows users to test their own interface with
or without the optional Altera FPGA, U6 (programmed using
the P2 and passive serial EEPROM, U5).
Figure 1. EVAL-ADAS3023EDZ Evaluation Board
ADAS3023
PROTOTYPE AREA
FPGA
PROGRAMMING
PORT
96-PIN
INTERFACE
FPGA
40-PIN IDC
SERIAL
INTERFACE
POWER
ANALOG
INPUTS


Similar Part No. - UG-515

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-521 AD-UG-521 Datasheet
248Kb / 8P
   Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
UG-532 AD-UG-532 Datasheet
421Kb / 12P
   Full-featured evaluation board
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Winchester Electronics ...
UG-572 WINCHESTER-UG-572 Datasheet
54Kb / 1P
   C JACK
logo
Analog Devices
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
More results

Similar Description - UG-515

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
UG-490 AD-UG-490 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-532 AD-UG-532 Datasheet
421Kb / 12P
   Full-featured evaluation board
UG-581 AD-UG-581 Datasheet
1Mb / 28P
   Full-featured evaluation board
EVAL-AD7403FMCZ AD-EVAL-AD7403FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
ADP2443-EVALZ AD-ADP2443-EVALZ Datasheet
357Kb / 9P
   Full featured evaluation board
EVAL-AD5676SDZ AD-EVAL-AD5676SDZ Datasheet
486Kb / 12P
   Full featured evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com