Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG-490 Datasheet(PDF) 1 Page - Analog Devices

Part # UG-490
Description  Full-featured evaluation board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-490 Datasheet(HTML) 1 Page - Analog Devices

  UG-490 Datasheet HTML 1Page - Analog Devices UG-490 Datasheet HTML 2Page - Analog Devices UG-490 Datasheet HTML 3Page - Analog Devices UG-490 Datasheet HTML 4Page - Analog Devices UG-490 Datasheet HTML 5Page - Analog Devices UG-490 Datasheet HTML 6Page - Analog Devices UG-490 Datasheet HTML 7Page - Analog Devices UG-490 Datasheet HTML 8Page - Analog Devices UG-490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Evaluation Board User Guide
EVAL-AD7960FMCZ
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluating the AD7960 18-Bit, 5 MSPS PulSAR Differential ADC
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 28
FEATURES
Full-featured evaluation board for the AD7960
Versatile analog signal conditioning circuitry
On-board reference, reference buffers, and ADC drivers
System demonstration board compatible (EVAL-SDP-CH1Z)
PC software for control and data analysis of time and
frequency domain
EVALUATION KIT CONTENTS
EVAL-AD7960FMCZ evaluation board
ADDITIONAL EQUIPMENT AND SOFTWARE
NEEDED
System demonstration platform (EVAL-SDP-CH1Z)
Precision source
World-compatible, 12 V dc supply adapter (enclosed with
EVAL-SDP-CH1Z)
Power supply, +7 V/−2.5 V (optional)
USB cable
SMA cable
ONLINE RESOURCES
Documents Needed
AD7960 data sheet
EVAL-AD7960FMCZ user guide
Required Software
EVAL-AD7960FMCZ evaluation software
Design and Integration Files
Schematics, layout files, bill of materials
GENERAL DESCRIPTION
The EVAL-AD7960FMCZ is an evaluation board designed
to demonstrate the low power AD7960 performance (18-bit,
5 MSPS PulSAR® differential ADC) and to provide an easy-to-
understand interface for a variety of system applications. A
full description of the AD7960 is available in the data sheet
and should be consulted when utilizing this evaluation board.
The user PC software executable controls the evaluation board
over the USB through the Analog Devices, Inc., system
demonstration platform board (SDP), EVAL-SDP-CH1Z.
On-board components include the following:
ADR4520/ADR4540/ADR4550: high precision, buffered band
gap 2.048 V/4.096 V/5.0 V reference options
AD8031: reference buffer
ADA4899-1/ADA4897-1: a signal conditioning circuit with
two op amps and an option to use a differential amplifier
(ADA4932-1)
ADP7102, ADP7104, ADP124, and ADP2300: regulators to
derive necessary voltage levels on board
This evaluation board interfaces to the SDP board via a 160-pin
FMC connector. SMA connectors, JP1/JP4 and JP2/JP5, are
provided for the low noise analog signal source.
Figure 1. Setting Up the EVAL-AD7960FMCZ
TO +12V WALL WART
PC
USB
SIGNAL SOURCE
SMA
CONNECTOR


Similar Part No. - UG-490

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
UG-491/U DDK-UG-491/U Datasheet
673Kb / 31P
   Conversion Connector
UG-492/U DDK-UG-492/U Datasheet
673Kb / 31P
   Conversion Connector
logo
Winchester Electronics ...
UG-492B WINCHESTER-UG-492B Datasheet
54Kb / 1P
   ADAPTER, F-F, BULKHEAD, HERMETIC SEAL
More results

Similar Description - UG-490

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
UG-532 AD-UG-532 Datasheet
421Kb / 12P
   Full-featured evaluation board
UG-581 AD-UG-581 Datasheet
1Mb / 28P
   Full-featured evaluation board
EVAL-AD7403FMCZ AD-EVAL-AD7403FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
ADP2443-EVALZ AD-ADP2443-EVALZ Datasheet
357Kb / 9P
   Full featured evaluation board
EVAL-AD5676SDZ AD-EVAL-AD5676SDZ Datasheet
486Kb / 12P
   Full featured evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com