Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG-400 Datasheet(PDF) 7 Page - Analog Devices

Part # UG-400
Description  Plug and play system evaluation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-400 Datasheet(HTML) 7 Page - Analog Devices

Back Button UG-400 Datasheet HTML 3Page - Analog Devices UG-400 Datasheet HTML 4Page - Analog Devices UG-400 Datasheet HTML 5Page - Analog Devices UG-400 Datasheet HTML 6Page - Analog Devices UG-400 Datasheet HTML 7Page - Analog Devices UG-400 Datasheet HTML 8Page - Analog Devices UG-400 Datasheet HTML 9Page - Analog Devices UG-400 Datasheet HTML 10Page - Analog Devices UG-400 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Hardware User Guide
UG-400
Rev. 0 | Page 7 of 20
ISOLATED RS-232
The isolated RS-232 port is implemented using the ADM3252E
signal and power isolated RS-232 transceiver. The ADM3252E con-
nects to UART3 of the ADSP-BF548 and is capable of functioning
at data rates of up to 460 kbit/sec. Figure 6 shows a circuit diagram
of the implementation of the ADM3252E on the ezLINX hardware.
When the JP2 jumper is fitted, it implements a loopback of the
isolated RS-232 transmitter output (Pin TOUT1) to the receiver
input (Pin RIN1).
The VCC pins (Pin A2, Pin B1, and Pin B2) of the ADM3252E
are powered with 3.3 V and generate an isolated 3.3 V on the
VISO pins (Pin A10, Pin B10, and Pin C10) using Analog Devices
isoPower technology.
A 3-pin screw terminal connector, J6, is used for easy access to the
TOUT1 (Pin 2 of J6), RIN1 (Pin 3 of J6), and RS232_ISO_GND
(Pin 1 of J6) signals.
The ADM3252E contains isoPower technology that uses high
frequency switching elements to transfer power through the
transformer. Special care must be taken during PCB layout to
meet emissions standards. Refer to the AN-0971 Application
Note, Recommendations for Control of Radiated Emissions with
isoPower Devices, for details on board layout considerations.
RS232_ISO_GND
3.3V
GND
GND
RS232_ISO_GND
RS232_ISO_3.3V
RS232_ISO_GND
RS232_ISO_GND
3.3V
RS232_ISO_3.3V
UART3TX
UART3RX
C142
0.1uF
U44
ADM3252E
NC1
A1
VCC
B1
GND
C1
TIN1
D1
GND
E1
TIN2
F1
GND
G1
ROUT1
H1
GND
J1
ROUT2
K1
NC2
L1
VCC
A2
VCC
B2
GND
C2
GND
D2
GND
E2
GND
F2
GND
G2
GND
H2
GND
J2
GND
K2
GND
L2
VISO
A10
VISO
B10
VISO
C10
GNDISO
D10
GNDISO
E10
GNDISO
F10
C2-
G10
GNDISO
H10
GNDISO
J10
GNDISO
K10
GNDISO
L10
DNC1
A11
V+
B11
C1+
C11
TOUT1
D11
C1-
E11
TOUT2
F11
C2+
G11
RIN1
H11
V-
J11
RIN2
K11
DNC2
L11
C125
0.1uF
C126
0.1uF
C141
0.1uF
C236
10uF
C140
0.1uF
C237
10uF
+
+
JP2
JUMPER
C130
0.1uF
J6
Screw_3
1
2
3
Figure 6. ADM3252E Isolated RS-232 Implementation


Similar Part No. - UG-400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-407 AD-UG-407 Datasheet
1Mb / 12P
   The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
REV. 0
More results

Similar Description - UG-400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
   Plug and Play SCSI Terminator
112099
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
   Simple Plug and Play installation
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
   Plug and Play SCSI Terminator
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
logo
Dallas Semiconductor
DS2109 DALLAS-DS2109 Datasheet
85Kb / 10P
   Plug and Play SCSI Terminator
logo
Level One
FSW-0513 LVL1-FSW-0513 Datasheet
657Kb / 3P
   Simple Plug and Play installation
logo
Microsemi Corporation
1214-700P1 MICROSEMI-1214-700P1 Datasheet
106Kb / 2P
   700W PSM - PLUG AND PLAY
logo
Maxim Integrated Produc...
DS2109 MAXIM-DS2109 Datasheet
90Kb / 10P
   Plug and Play SCSI Terminator
022698
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com