Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG-291 Datasheet(PDF) 1 Page - Analog Devices

Part # UG-291
Description  The SDP-S board is designed to be used in conjunction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-291 Datasheet(HTML) 1 Page - Analog Devices

  UG-291 Datasheet HTML 1Page - Analog Devices UG-291 Datasheet HTML 2Page - Analog Devices UG-291 Datasheet HTML 3Page - Analog Devices UG-291 Datasheet HTML 4Page - Analog Devices UG-291 Datasheet HTML 5Page - Analog Devices UG-291 Datasheet HTML 6Page - Analog Devices UG-291 Datasheet HTML 7Page - Analog Devices UG-291 Datasheet HTML 8Page - Analog Devices UG-291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SDP-S User Guide
UG-291
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
SDP-S Controller Board
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. A | Page 1 of 16
FEATURES
USB-to-serial engine
Peripherals exposed
SPI
TWI/I2C
GPIO
USB 2.0 PC connectivity
PC software stack and base firmware provided
GENERAL DESCRIPTION
This user guide describes the EVAL-SDP-CS1Z system
demonstration platform-serial (SDP-S) controller board from
Analog Devices, Inc. The SDP-S controller board is part of the
Analog Devices system demonstration platform (SDP). The
SDP consists of a series of controller boards, interposer boards,
and daughter boards. SDP controller boards provide a means
of communicating with the system under evaluation from the
PC. Interposer boards route signals between two connectors.
Daughter boards are a collection of product evaluation boards
and Circuits from the Lab™ reference circuit boards. The SDP-S
is used as part of the evaluation system for many Analog Devices
components and reference circuits. The primary audience for
this user guide is the system engineer who seeks to understand
how to set up the SDP-S board and begin USB communications
to the PC.
The SDP-S board is designed to be used in conjunction with
various Analog Devices component evaluation boards and
Circuits from the Lab reference circuits as part of a customer
evaluation environment. The SDP-S provides USB connectivity
through a USB 2.0 high speed connection to the computer,
allowing users to evaluate components on this platform from a
PC application. The SDP-S is based on a USB-to-serial engine,
which has SPI, I2C, and GPIO lines available, with a 120-pin
small footprint connector.
This user guide provides instructions for installing the SDP-S
hardware (EVAL-SDP-CS1Z board) and software onto a
computer. The necessary installation files are provided with the
evaluation daughter board package. The Getting Started section
provides software and hardware installation procedures, PC
system requirements, and basic board information. The Evaluation
Board Hardware section provides information on the EVAL-
SDP-CS1Z components. The EVAL-SDP-CS1Z schematics are
provided in the Evaluation Board Schematics section.
For more information about the SDP-S board, go to
www.analog.com/sdp.
Figure 1. Picture of EVAL-SDP-CS1Z


Similar Part No. - UG-291

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
UG-290/U DDK-UG-290/U Datasheet
308Kb / 13P
   BNC Type Connectors
UG-290/U-Ni-1 DDK-UG-290/U-Ni-1 Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Hirose Electric
UG-29B/U HIROSE-UG-29B/U Datasheet
306Kb / 6P
   RFCO-AXIAL CONNECTORS
logo
DDK Ltd.
UG-29B/U DDK-UG-29B/U Datasheet
673Kb / 31P
   Conversion Connector
logo
Hirose Electric
UG-29B/U(40) HIROSE-UG-29B/U(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
More results

Similar Description - UG-291

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RM2000 LITTELFUSE-RM2000 Datasheet
383Kb / 2P
   The RM2000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
RM1000 LITTELFUSE-RM1000 Datasheet
502Kb / 2P
   The RM-1000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
logo
JMK Inc.
ZF-0916-3 JMK-ZF-0916-3 Datasheet
30Kb / 1P
   designed to be used in systems that are required to work in the tempest environment
ZF-0916-10 JMK-ZF-0916-10 Datasheet
33Kb / 1P
   designed to be used in systems that are required to work in the tempest environment
ZL-1988B-10B JMK-ZL-1988B-10B Datasheet
33Kb / 1P
   designed to be used in systems that are required to work in the tempest environment
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
   Evaluation Board is designed to aid in the characterization of National
LMH2110 NSC-LMH2110_1 Datasheet
1Mb / 6P
   evaluation board is designed to help the evaluation
logo
Aries Electronics, Inc.
F40 ARIES-F40 Datasheet
447Kb / 1P
   This female DIP strip is used in conjunction with Aries??Shorting
logo
JMK Inc.
HH-1174-10 JMK-HH-1174-10 Datasheet
122Kb / 1P
   The HH-1174-10 is designed to be used with high frequency switching power supplies
logo
STMicroelectronics
AN871 STMICROELECTRONICS-AN871 Datasheet
149Kb / 13P
   In power electronics the choice of the switch to be used is always very important
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com