Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG-291 Datasheet(PDF) 5 Page - Analog Devices

Part # UG-291
Description  The SDP-S board is designed to be used in conjunction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-291 Datasheet(HTML) 5 Page - Analog Devices

  UG-291 Datasheet HTML 1Page - Analog Devices UG-291 Datasheet HTML 2Page - Analog Devices UG-291 Datasheet HTML 3Page - Analog Devices UG-291 Datasheet HTML 4Page - Analog Devices UG-291 Datasheet HTML 5Page - Analog Devices UG-291 Datasheet HTML 6Page - Analog Devices UG-291 Datasheet HTML 7Page - Analog Devices UG-291 Datasheet HTML 8Page - Analog Devices UG-291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SDP-S User Guide
UG-291
Rev. A | Page 5 of 16
EVALUATION BOARD HARDWARE
This section describes the hardware design of the EVAL-SDP-
CS1Z board.
The following topics are covered:
LEDs—This section describes the SDP-S on-board LEDs.
Connector details—This section details the pin
assignments on the 120-pin connector.
Power—This section lists power requirements of the SDP-S
and identifies connector power inputs and output pins.
Daughter board design guidelines—This section provides
guidelines on how to design daughter boards for use with
the SDP-S.
Mechanical specifications—This section provides
dimensional information.
LEDS
There are two LEDs located on the SDP-S board (see Figure 3).
Power LED (PWR)
The green power LED indicates that the SDP-S board is
powered. This is not an indication of USB connectivity between
the SDP-S and the PC.
LED1
Rev 1.0
Figure 3. SDP-S Board LEDs
LED1
The orange LED is an LED used as a diagnostic tool for
evaluation application developers.
CONNECTOR DETAILS
The SDP-S board contains one Hirose FX8-120P-SV1(91),
120-pin header connector. Through this connector, the
peripheral communication interfaces of the USB-to-serial
engine are exposed. The exposed peripherals are
SPI
I2C/TWI
GPIO
Also included on the connector specification are input and out-
put power pins, ground pins, and pins reserved for future use.
Connector Pin Assignments
Table 1 lists the connector pins and identifies the functionality
assigned to each connector pin on the SDP-S board.
The pinout of this connector is consistent with other connectors
across the SDP family.


Similar Part No. - UG-291

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
UG-290/U DDK-UG-290/U Datasheet
308Kb / 13P
   BNC Type Connectors
UG-290/U-Ni-1 DDK-UG-290/U-Ni-1 Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Hirose Electric
UG-29B/U HIROSE-UG-29B/U Datasheet
306Kb / 6P
   RFCO-AXIAL CONNECTORS
logo
DDK Ltd.
UG-29B/U DDK-UG-29B/U Datasheet
673Kb / 31P
   Conversion Connector
logo
Hirose Electric
UG-29B/U(40) HIROSE-UG-29B/U(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
More results

Similar Description - UG-291

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RM2000 LITTELFUSE-RM2000 Datasheet
383Kb / 2P
   The RM2000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
RM1000 LITTELFUSE-RM1000 Datasheet
502Kb / 2P
   The RM-1000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
logo
JMK Inc.
ZF-0916-3 JMK-ZF-0916-3 Datasheet
30Kb / 1P
   designed to be used in systems that are required to work in the tempest environment
ZF-0916-10 JMK-ZF-0916-10 Datasheet
33Kb / 1P
   designed to be used in systems that are required to work in the tempest environment
ZL-1988B-10B JMK-ZL-1988B-10B Datasheet
33Kb / 1P
   designed to be used in systems that are required to work in the tempest environment
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
   Evaluation Board is designed to aid in the characterization of National
LMH2110 NSC-LMH2110_1 Datasheet
1Mb / 6P
   evaluation board is designed to help the evaluation
logo
Aries Electronics, Inc.
F40 ARIES-F40 Datasheet
447Kb / 1P
   This female DIP strip is used in conjunction with Aries??Shorting
logo
JMK Inc.
HH-1174-10 JMK-HH-1174-10 Datasheet
122Kb / 1P
   The HH-1174-10 is designed to be used with high frequency switching power supplies
logo
STMicroelectronics
AN871 STMICROELECTRONICS-AN871 Datasheet
149Kb / 13P
   In power electronics the choice of the switch to be used is always very important
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com