Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO21207 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # ISO21207
Description  Adaptor 4.3-10 plug ??7/16 jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

ISO21207 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  ISO21207 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG ISO21207 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet - Draft
4.3-10
Adaptor
4.3-10 plug – 7/16 jack
60K164-S60N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
4.3-10 side:
IEC 61169-54
7/16 side:
IEC 60169-4, VG 95250, EN 122190, DIN 47223
Documents
Assembly instruction
N/A
Material and plating
Connector parts
Material
Plating
Center contact
4.3-10 side:
Brass
Silver, 3-6 µm
Center contact
7/16 side:
CuBe
Silver, 3-6 µm
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Gasket
Silicone


Similar Part No. - ISO21207

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
ISO21207 ROSENBERGER-ISO21207 Datasheet
275Kb / 2P
   Straight Plug
More results

Similar Description - ISO21207

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S164-K00N1 ROSENBERGER-60S164-K00N1 Datasheet
377Kb / 2P
   Adaptor 4.3-10 Jack ??7/16 Plug
60K164-S00N1 ROSENBERGER-60K164-S00N1 Datasheet
357Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
60S164-S00N1 ROSENBERGER-60S164-S00N1 Datasheet
117Kb / 2P
   Adaptor 4.3-10 plug ??7/16 plug
logo
Amphenol Corporation
AD-716J4310P-1 AMPHENOL-AD-716J4310P-1 Datasheet
229Kb / 1P
   7/16 JACK TO 4.3-10 JACK TO 4.3-10 PLUG ADAPTER
logo
Rosenberger Hochfrequen...
53K164-S00N1 ROSENBERGER-53K164-S00N1 Datasheet
94Kb / 2P
   Adaptor 4.3-10 plug ??N jack
53S164-K00N1 ROSENBERGER-53S164-K00N1 Datasheet
387Kb / 2P
   Adaptor 4.3-10 jack ??N plug
32S164-K00N1 ROSENBERGER-32S164-K00N1 Datasheet
269Kb / 2P
   Adaptor 4.3-10 jack ??SMA plug
32K164-S00N1 ROSENBERGER-32K164-S00N1 Datasheet
564Kb / 2P
   Adaptor 4.3-10 plug ??SMA jack
logo
Amphenol Corporation
AD-716P4310P-1 AMPHENOL-AD-716P4310P-1 Datasheet
222Kb / 1P
   7/16 PLUG TO 4.3-10 PLUG GRADE 2 ADAPTOR
AD-716P4310J-1 AMPHENOL-AD-716P4310J-1 Datasheet
251Kb / 1P
   7/16 PLUG TO 4.3-10 JACK ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com