Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IEC60068-2-1 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # IEC60068-2-1
Description  Adaptor SCREW ON 1.6/5.6 III PLUG ??BNC 75 ??PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

IEC60068-2-1 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  IEC60068-2-1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG IEC60068-2-1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR, SCREW ON
1.6/5.6 III PLUG – BNC 75
 PLUG
88S171-S00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
BNC side
Compatible to
IEC 60169-8, MIL-PRF-39012, CECC 22120
1.6/5.6 side
According to
CECC 22 240
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur, gold plated
Outer contact 1.6/5.6 side
Beryllium copper AuroDur, gold plated
Outer contact BNC side
Brass
Nickel, 2.5-5 µm
Coupling nut
Brass
Nickel, 2.5-5 µm
Dielectric 1.6/5.6 side
LCP
Dielectric BNC side
PTFE


Similar Part No. - IEC60068-2-1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
40Kb / 2P
   ADAPTOR, SCREW ON 1.6/5.6 III PLUG ??BNC 75 JACK
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
40Kb / 2P
   STRAIGHT PLUG
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
41Kb / 2P
   BULKHEAD JACK
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
More results

Similar Description - IEC60068-2-1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
88S171-K00L5 ROSENBERGER-88S171-K00L5 Datasheet
40Kb / 2P
   ADAPTOR, SCREW ON 1.6/5.6 III PLUG ??BNC 75 JACK
71S188-K00L5 ROSENBERGER-71S188-K00L5 Datasheet
43Kb / 2P
   Adaptor BNC 75 plug ??1.6/5.6 jack
88K171-K00L5 ROSENBERGER-88K171-K00L5 Datasheet
40Kb / 2P
   Adaptor 1.6/5.6 III JACK ??BNC 75 ??JACK
78S301-K00L5 ROSENBERGER-78S301-K00L5 Datasheet
42Kb / 2P
   Adaptor 1.6/5.6 PLUG ??JACK - PLUG
71S201-K00N5 ROSENBERGER-71S201-K00N5 Datasheet
82Kb / 2P
   BNC 75 ADAPTOR PLUG-JACK
logo
Pasternack Enterprises,...
PE36129 PASTERNACK-PE36129 Datasheet
274Kb / 1P
   CABLE ASSEMBLY, RG179B/U 1.6/5.6 PLUG TO 75 OHM BNC MALE
PE36131 PASTERNACK-PE36131 Datasheet
111Kb / 1P
   CABLE ASSEMBLY, RG187A/U,1.6/5.6 PLUG TO 75 OHM BNC MALE
logo
Rosenberger Hochfrequen...
71S301-K00N5 ROSENBERGER-71S301-K00N5 Datasheet
41Kb / 2P
   ADAPTOR BNC 75 jack ??plug - jack
logo
Tyco Electronics
2-1393682-0 MACOM-2-1393682-0 Datasheet
42Kb / 1P
   Cable plug 1.6/5.6
logo
Pasternack Enterprises,...
PE36111 PASTERNACK-PE36111 Datasheet
113Kb / 1P
   CABLE ASSEMBLY, RG179B/U,1.6/5.6 PLUG TO 1.6/5.6 PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com