Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC6300 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC6300
Description  Output power for 1 dB compression
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6300 Datasheet(HTML) 5 Page - Analog Devices

  HMC6300 Datasheet HTML 1Page - Analog Devices HMC6300 Datasheet HTML 2Page - Analog Devices HMC6300 Datasheet HTML 3Page - Analog Devices HMC6300 Datasheet HTML 4Page - Analog Devices HMC6300 Datasheet HTML 5Page - Analog Devices HMC6300 Datasheet HTML 6Page - Analog Devices HMC6300 Datasheet HTML 7Page - Analog Devices HMC6300 Datasheet HTML 8Page - Analog Devices HMC6300 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
HMC6300
Data Sheet
Rev. B | Page 4 of 25
ELECTRICAL SPECIFICATIONS, 63 GHz TO 64 GHz
Table 2. Electrical Specifications, 63 GHz to 64 GHz
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY STEP SIZE
With 71.4286 MHz reference clock
250
MHz
With 142.857 MHz reference clock
500
MHz
With 154.2857 MHz reference clock
540
MHz
MODULATION BANDWIDTH
Full I/Q bandwidth
1.8
GHz
GAIN
Maximum Gain
30.5
32
dB
Modulator Gain Control
High and low gain settings
9
dB
IF Gain Control
14
dB
RF Gain Control
22
dB
OUTPUT POWER
Output Power for 1 dB Compression (P1dB)
Balanced into 100 Ω
15
dBm
Saturated Output Power (PSAT)
Balanced into 100 Ω
13.9
17
dBm
Output Power for 1 dB Compression (P1dB)
Singled-ended into 50 Ω
12
dBm
Saturated Output Power(PSAT)
Singled-ended into 50 Ω
14
dBm
Detector Power
−10 to +15
dBm
TEMPERATURE SENSOR RANGE
Four levels
−40
+85
°C
SUPPRESSION AND REJECTION
Sideband Suppression
15
30
dBc
Image Rejection
40
dBc
LO Suppression
At 6/7 of RF carrier frequency (3 × LO)
10
20
dBc
Carrier Suppression
Without calibration
30
dBc
PHASE
Phase Noise @ 100 kHz Offset
−75
dBc/Hz
Phase Noise @ 1 MHz Offset
−93
dBc/Hz
Phase Noise @ 10 MHz Offset
−114
dBc/Hz
Phase Noise @ 100 MHz Offset
−122
dBc/Hz
PLL Bandwidth
Using internal filter
300
kHz
POWER DISSIPATION
Balanced
1.0
W
Single-Ended
0.88
W
Balanced, External LO)
0.75
W


Similar Part No. - HMC6300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6301 AD-HMC6301 Datasheet
725Kb / 24P
   Programmable baseband gain and filter bandwidth
HMC6301BG46 AD-HMC6301BG46 Datasheet
725Kb / 24P
   Programmable baseband gain and filter bandwidth
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Hittite Microwave Corpo...
HMC630LP3E HITTITE-HMC630LP3E Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
More results

Similar Description - HMC6300

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
ENL9654 APITECH-ENL9654 Datasheet
224Kb / 1P
   Compression Range: 55 dB
logo
Quanzhou Jinmei Electro...
CGD1044H_2015 JMNIC-CGD1044H_2015 Datasheet
58Kb / 7P
   1 GHz, 25 dB gain high output power doubler
logo
NXP Semiconductors
CGD1042H NXP-CGD1042H Datasheet
51Kb / 7P
   1 GHz, 23 dB gain high output power doubler
Rev. 01 - 9 October 2007
logo
ANADIGICS, Inc
ACA2784 ANADIGICS-ACA2784 Datasheet
503Kb / 3P
   1 GHz, 21 dB Gain High Output Power DoublerAmplifier
logo
NXP Semiconductors
CGD1042H NXP-CGD1042H_09 Datasheet
300Kb / 7P
   1 GHz, 23 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1044H NXP-CGD1044H_09 Datasheet
300Kb / 7P
   1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1044H NXP-CGD1044H Datasheet
51Kb / 7P
   1 GHz, 25 dB gain high output power doubler
Rev. 01 - 10 October 2007
logo
Quanzhou Jinmei Electro...
CGD1042H_2015 JMNIC-CGD1042H_2015 Datasheet
58Kb / 7P
   1 GHz, 23 dB gain high output power doubler
logo
NXP Semiconductors
CGD1042HI NXP-CGD1042HI Datasheet
58Kb / 7P
   1 GHz, 22 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
CGD1040HI NXP-CGD1040HI Datasheet
58Kb / 7P
   1 GHz, 20 dB gain GaAs high output power doubler
Rev. 01-22 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com