Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRP8120 Datasheet(PDF) 3 Page - Thinki Semiconductor Co., Ltd.

Part # RHRP8120
Description  10 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

RHRP8120 Datasheet(HTML) 3 Page - Thinki Semiconductor Co., Ltd.

  RHRP8120 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. RHRP8120 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. RHRP8120 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig7. Diode Reverse Recovery Test Circuit and Waveform
IF
dIF/dt
trr
IRRM
Qrr
0.25 IRRM
0.9 IRRM
Dimensions in Millimeters
Fig8. Package Outline
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 3/3
Rev.05
®
RHRP8120


Similar Part No. - RHRP8120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
351Kb / 5P
   8A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
   8A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
2Mb / 5P
   Hyperfast Recovery trr = 70 ns (@ IF= 8 A)
logo
Inchange Semiconductor ...
RHRP8120 ISC-RHRP8120 Datasheet
276Kb / 2P
   Ultra-fast Rectifier
logo
Intersil Corporation
RHRP8120CC INTERSIL-RHRP8120CC Datasheet
49Kb / 4P
   8A, 1200V Hyperfast Dual Diode
More results

Similar Description - RHRP8120

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
STTH812D THINKISEMI-STTH812D Datasheet
644Kb / 3P
   10 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
DSEP8-12A THINKISEMI-DSEP8-12A Datasheet
658Kb / 3P
   10 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
HFA08TB120 THINKISEMI-HFA08TB120 Datasheet
660Kb / 3P
   10 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
RHRP15120 THINKISEMI-RHRP15120 Datasheet
496Kb / 3P
   15 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
DSEI60-12A THINKISEMI-DSEI60-12A Datasheet
926Kb / 3P
   60 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
MUR60120 THINKISEMI-MUR60120 Datasheet
671Kb / 3P
   60 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
DSEP12-12A THINKISEMI-DSEP12-12A Datasheet
541Kb / 3P
   15 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
APT60D120BG THINKISEMI-APT60D120BG Datasheet
716Kb / 3P
   60 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
MUR15120 THINKISEMI-MUR15120 Datasheet
497Kb / 3P
   15 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
STTH1512D THINKISEMI-STTH1512D Datasheet
496Kb / 3P
   15 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com