Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF1682-90-4I-EKE Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST39VF1682-90-4I-EKE
Description  16 Mbit (x8) Multi-Purpose Flash Plus
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF1682-90-4I-EKE Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST39VF1682-90-4I-EKE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF1682-90-4I-EKE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF1682-90-4I-EKE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF1682-90-4I-EKE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF1682-90-4I-EKE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF1682-90-4I-EKE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF1682-90-4I-EKE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF1682-90-4I-EKE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF1682-90-4I-EKE Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
Preliminary Specifications
16 Mbit Multi-Purpose Flash Plus
SST39VF1681 / SST39VF1682
©2003 Silicon Storage Technology, Inc.
S71243-03-000
11/03
FIGURE 1: PIN ASSIGNMENTS FOR 48-LEAD TFBGA
FIGURE 2: PIN ASSIGNMENTS FOR 48-LEAD TSOP
TOP VIEW (balls facing down)
6
5
4
3
2
1
A14
A10
WE#
NC
A8
A4
A13
A9
RST#
WP#
A18
A5
A15
A11
NC
A19
A7
A3
A16
A12
A20
NC
A6
A2
A17
DQ7
DQ5
DQ2
DQ0
A1
NC
NC
NC
NC
NC
CE#
A0
NC
VDD
NC
NC
OE#
VSS
DQ6
DQ4
DQ3
DQ1
VSS
A
B
C
D
E
F
G
H
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A17
NC
VSS
A0
DQ7
NC
DQ6
NC
DQ5
NC
DQ4
VDD
NC
DQ3
NC
DQ2
NC
DQ1
NC
DQ0
OE#
VSS
CE#
A1
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1243 48-tsop P2.0
Standard Pinout
Top View
Die Up
A16
A15
A14
A13
A12
A11
A10
A9
A20
NC
WE#
RST#
NC
WP#
NC
A19
A18
A8
A7
A6
A5
A4
A3
A2


Similar Part No. - SST39VF1682-90-4I-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1682 SST-SST39VF1682 Datasheet
448Kb / 34P
   16 Mbit (x8) Multi-Purpose Flash Plus Active Current: 9 mA (typical)
More results

Similar Description - SST39VF1682-90-4I-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39VF1681 SST-SST39VF1681_11 Datasheet
448Kb / 34P
   16 Mbit (x8) Multi-Purpose Flash Plus Active Current: 9 mA (typical)
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080_07 Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com