Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6040946 Datasheet(PDF) 2 Page - SICK AG

Part # 6040946
Description  PRESSURE SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6040946 Datasheet(HTML) 2 Page - SICK AG

  6040946 Datasheet HTML 1Page - SICK AG 6040946 Datasheet HTML 2Page - SICK AG 6040946 Datasheet HTML 3Page - SICK AG 6040946 Datasheet HTML 4Page - SICK AG 6040946 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFH-SBX60G1AS05SZ0 | LFH
PRESSURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
LFH-SBX60G1AS05SZ0
6040946
Other models and accessories
www.sick.com/LFH
Features
Medium
Fluids
Pressure type
Gauge pressure
Measuring range
0 bar ... 0.6 bar
Process temperature
–10 °C ... +50 °C
Output signal
4 mA ... 20 mA, 2-wire
Cable length
5 m
Performance
Non-linearity
≤ ± 0.2 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2
Accuracy
≤ ± 0.5 % of the span 1)
Non-repeatability
≤ ± 0.1 % of the span
Long-term drift/one-year stability
≤ ± 0.2 % of span (at reference conditions)
Temperature coefficient in rated tempera-
ture range
Mean TC of zero: ≤ 0.2 % of span / 10 K (< 0.4 % for pressure ranges ≤ 0.25 bar), Mean TC of
span ≤ 0.2 % of span / 10 K
Rated temperature range
0 °C ... +50 °C
1) Including non-linearity, hysteresis, zero point and full scale error (corresponds to error of measurement as per IEC 61298-2).
Mechanics/electronics
Wetted parts
Housing: Stainless steel
Pressure connection/diaphragm: CrNi steel
Protection cap: PA
Electrical connection
PUR cable
Supply voltage
10 V DC ... 30 V DC
14 V DC ... 30 V DC with output signal 0 V ... 10 V (only with enhanced varient)
Electrical safety
Protection class: III
Short-circuit protection: QA towards M
Reverse polarity protection: L+ to M
Surge protection: According to EN 61000-4-5 (1.5 J) optional for enhanced variant
Dielectric strength
500 V DC, NEC Class 02 power supply (low voltage and low current max. 100 VA even in the
event of a fault)
CE-conformity
EMC directive: 2004/108/EC, EN 61 326-2-3
Weight sensor
0.18 kg
2
FLUID SENSORS | SICK
Online data sheet | 2017-02-13 13:16:27
Subject to change without notice


Similar Part No. - 6040946

ManufacturerPart #DatasheetDescription
logo
SICK AG
6040940 SICK-6040940 Datasheet
787Kb / 5P
   PRESSURE SENSORS
6040941 SICK-6040941 Datasheet
787Kb / 5P
   PRESSURE SENSORS
6040942 SICK-6040942 Datasheet
787Kb / 5P
   PRESSURE SENSORS
6040943 SICK-6040943 Datasheet
787Kb / 5P
   PRESSURE SENSORS
6040944 SICK-6040944 Datasheet
787Kb / 5P
   PRESSURE SENSORS
More results

Similar Description - 6040946

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com