Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8847QM600-T Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8847QM600-T
Description  Advanced PMU for Multi-core Application Processors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8847QM600-T Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8847QM600-T Datasheet HTML 1Page - Active-Semi, Inc ACT8847QM600-T Datasheet HTML 2Page - Active-Semi, Inc ACT8847QM600-T Datasheet HTML 3Page - Active-Semi, Inc ACT8847QM600-T Datasheet HTML 4Page - Active-Semi, Inc ACT8847QM600-T Datasheet HTML 5Page - Active-Semi, Inc ACT8847QM600-T Datasheet HTML 6Page - Active-Semi, Inc ACT8847QM600-T Datasheet HTML 7Page - Active-Semi, Inc ACT8847QM600-T Datasheet HTML 8Page - Active-Semi, Inc ACT8847QM600-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ACT8847
Rev 8
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN66-48)
ORDERING INFORMATION
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: ACT8847QM174-T is dedicated to S5PV310 application.
: ACT8847 Data Sheet is described according to ACT8847QM171-T application; please see the Appendix of ACT8847QM211-T for
its specification.
: ACT8847QM600-T and ACT8849QM614-T is the association application for Samsung Exynos 4412/ 4212 platforms; please see the
Appendix of APP_ACT8847 ACT8849_Rev0_16JUN14_P for its specification.
: ACT8847QM502-T is dedicated to Freescale i.MX6 application.
ACT8847QM_ _ _-T
Option Code
Pin Count
Package Code
Product Number
Active-Semi
Tape and Reel
PART NUMBER VOUT1 VOUT2 VOUT3
VOUT4
VOUT5 VOUT6 VOUT7 VOUT8 VOUT9 VOUT10 VOUT11 VOUT12 VOUT13
ACT8847QM171-T
1.2V
1.2V
1.1V
1.1V
1.1V
1.1V
3.3V
1.8V
3.3V
1.2V
1.1V
1.8V
1.8V
ACT8847QM174-T
1.5V
1.2V
1.1V
1.1V
1.1V
1.1V
3.3V
1.8V
3.3V
1.5V
1.1V
1.8V
1.8V
ACT8847QM211-T
1.3V
1.1V
1.5V
OFF
OFF
OFF
3.3V
1.8V
2.5V
OFF
2.8V
OFF
3.3V
ACT8847QM600-T
1.0V
1.3V
1.0V
1.125V
1.8V
3.0V
1.8V
3.3V
3.3V
1.1V
1.8V
1.0V
1.8V
ACT8849QM614-T
2.8V
1.2V
2.0V
2.8V
1.8V
1.8V
2.8V
1.8V
1.8V
1.0V
1.2V
1.0V
1.8V
ACT8847QM502-T
1.4V
1.4V
1.5V
3.3V
OFF
OFF
2.8V
1.8V
3.0V
2.5V
OFF
OFF
3.2V
ACT8847QM503-T
OFF
1.4V 3.3/3.1V 1.5/1.35V 2.5V
OFF
3.3V
1.8V
OFF
OFF
1.2V
0.75V
3.3V
PACKAGE
PINS TEMPERATURE RANGE
TQFN66-48
48
-40°C to +85°C
ACT8847
EP
GPIO6
nIRQ
nRSTO
PWRHLD
nPBIN
VP1
OUT1
SW1
SW3
SW3
GP3
OUT10
OUT11
INL3
OUT12
VSELR2
nPBSTAT
GP2
SW2
SW2
SW4
GP14
VP4
GPIO5


Similar Part No. - ACT8847QM600-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8847QM600-T ACTIVE-SEMI-ACT8847QM600-T Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
More results

Similar Description - ACT8847QM600-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8849 ACTIVE-SEMI-ACT8849 Datasheet
708Kb / 35P
   Advanced PMU for Multi-core Application Processors
Rev PrB, 12-Jun-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com