Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4529YH-T1011 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT4529YH-T1011
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529YH-T1011 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT4529YH-T1011 Datasheet HTML 3Page - Active-Semi, Inc ACT4529YH-T1011 Datasheet HTML 4Page - Active-Semi, Inc ACT4529YH-T1011 Datasheet HTML 5Page - Active-Semi, Inc ACT4529YH-T1011 Datasheet HTML 6Page - Active-Semi, Inc ACT4529YH-T1011 Datasheet HTML 7Page - Active-Semi, Inc ACT4529YH-T1011 Datasheet HTML 8Page - Active-Semi, Inc ACT4529YH-T1011 Datasheet HTML 9Page - Active-Semi, Inc ACT4529YH-T1011 Datasheet HTML 10Page - Active-Semi, Inc ACT4529YH-T1011 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ACT4529
Rev 4, 06-Jan-2017
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright
©
2
0
1
5
-2017 Active-Semi, Inc.
Cord Compensation
In some applications, the output voltage is increased
with output current to compensate the potential
voltage drop across output cable. The compensation
is based on the high side feedback resistance.
The compensation voltage is derived as:
Ä
Vout = (VCSP-VCSN)*K
Where K=3.03
This voltage difference could be added on the
reference or turning the (VCSP-VCSN) voltage into a
sink current at FB pin to pull Vout higher than
programmed voltage.
The cord compensation loop should be very slow to
avoid potential disturbance to the voltage loop. The
voltage loop should be sufficiently stable on various
cord compensation setting.
FUNCTIONAL DESCRIPTION


Similar Part No. - ACT4529YH-T1011

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4529YH-T0001 ACTIVE-SEMI-ACT4529YH-T0001 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4529YH-T0010 ACTIVE-SEMI-ACT4529YH-T0010 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4529YH-T0011 ACTIVE-SEMI-ACT4529YH-T0011 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
More results

Similar Description - ACT4529YH-T1011

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4529 ACTIVE-SEMI-ACT4529 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com