Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C2550CQ48 Datasheet(PDF) 5 Page - Exar Corporation

Part # ST16C2550CQ48
Description  DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550CQ48 Datasheet(HTML) 5 Page - Exar Corporation

  ST16C2550CQ48 Datasheet HTML 1Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 2Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 3Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 4Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 5Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 6Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 7Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 8Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ST16C2550
5
Rev. 3.20
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
40
44
48
type
individual channels, A through B. The state at these pin(s)
are defined by the user and through the software setting of
MCR register bit-3. INT A-B are set to the active mode and
OP2 to a logic 0 when MCR-3 is set to a logic 1. INT A-B are
set to the three state mode and OP2 to a logic 1 when MCR-
3 is set to a logic 0. See bit-3, Modem Control Register
(MCR bit-3).
RESET
35
39
36
I
Reset. (active high) - A logic 1 on this pin will reset the
internal registers and all the outputs. The UART transmitter
output and the receiver input will be disabled during reset
time. (See ST16C2550 External Reset Conditions for ini-
tialization details.)
-RXRDY A-B
-
34,23 31,18
O
Receive Ready A-B (active low) - This function is associ-
ated with 44 pin PLCC and 48 pin TQFP packages only. This
function provides the RX FIFO/RHR status for individual
receive channels (A-B). RXRDY is primarily intended for
monitoring DMA mode 1 transfers for the receive data
FIFO’s. A logic 0 indicates there is receive data to read/
unload, i.e., receive ready status with one or more RX
characters available in the FIFO/RHR. This pin is a logic 1
when the FIFO/RHR is empty or when the programmed
trigger level has not been reached. This signal can also be
used for single mode transfers (DMA mode 0).
-TXRDY A-B
-
1,12
43,6
O
Transmit Ready A-B (active low) - This function is associ-
ated with 44 pin PLCC and 48 pin TQFP packages only.
These outputs provide the TX FIFO/THR status for indi-
vidual transmit channels (A-B). TXRDY is primarily in-
tended for monitoring DMA mode 1 transfers for the trans-
mit data FIFO’s. An individual channel’s -TXRDY A-B buffer
ready status is indicated by logic 0, i.e., at least one location
is empty and available in the FIFO or THR. This pin goes to
a logic 1 when there are no more empty locations in the
FIFO or THR. This signal can also be used for single mode
transfers (DMA mode 0).
VCC
40
44
42
Pwr
Power supply input.


Similar Part No. - ST16C2550CQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550CQ48 EXAR-ST16C2550CQ48 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550CQ48 EXAR-ST16C2550CQ48 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550CQ48F EXAR-ST16C2550CQ48F Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - ST16C2550CQ48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
   Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com