Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4524YH-T Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4524YH-T
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524YH-T Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4524YH-T Datasheet HTML 1Page - Active-Semi, Inc ACT4524YH-T Datasheet HTML 2Page - Active-Semi, Inc ACT4524YH-T Datasheet HTML 3Page - Active-Semi, Inc ACT4524YH-T Datasheet HTML 4Page - Active-Semi, Inc ACT4524YH-T Datasheet HTML 5Page - Active-Semi, Inc ACT4524YH-T Datasheet HTML 6Page - Active-Semi, Inc ACT4524YH-T Datasheet HTML 7Page - Active-Semi, Inc ACT4524YH-T Datasheet HTML 8Page - Active-Semi, Inc ACT4524YH-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ACT4524
Rev 1.1, 22-Feb-16
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ORDERING INFORMATION
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
CSP
Voltage Feedback Input. The voltage at this pin is regulated to 5.10V. Connect this pin to
the positive terminal of current sense resistor. CSP, CSN1 and CSN2 Kevin sense is
recommended.
2
CSN1 Output current sense. Connect to the negative terminal of current sense resistor for
VOUT1.
3
CSN2 Output current sense. Connect to the negative terminal of current sense resistor for
VOUT2.
4
MODE
Mode pin with internal pull up current to determine device should operate in Native,
Master, or Slave mode. If the pin is floated, the device operates in native mode; if the pin
is grounded ,the device operates in Slave mode and receives CLK signal from another
device; if the pin is connected to 82kOhm resistor, the device is configured in Master
mode.
5
CLK
Synchronization of dual chips. Two chips operate synchronously out of phase with CLK
pin connected.
6
IN
Power Supply Input. Bypass this pin with a 10μF ceramic capacitor to GND, placed as
close to the IC as possible.
7
SW
Power switching output to external inductor.
8
HSB
High Side Bias pin. This pin provides power to the internal high-side MOSFET gate driver.
Connect a 22nF capacitor from HSB pin to SW pin.
9
GND
Ground and heat dissipation pad. Connect this exposed pad to large ground copper area
and other ground planes by thermal vias.
8
7
6
5
1
2
3
4
CSP
CSN1
GND
MODE
IN
CLK
SW
HSB
EP
ACT4524
SOP-8EP
CSN2
Top View
PART NUMBER
OPERATION AMBIENT
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4524YH-T
-40°C to 85°C
SOP-8EP
8
TAPE & REEL


Similar Part No. - ACT4524YH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4524YH-T ACTIVE-SEMI-ACT4524YH-T Datasheet
378Kb / 16P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 0, 28-Jul-15
More results

Similar Description - ACT4524YH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA4524YH ACTIVE-SEMI-EA4524YH Datasheet
1Mb / 16P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 1.1, 22-Feb-16
ACT4524 ACTIVE-SEMI-ACT4524 Datasheet
378Kb / 16P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 0, 28-Jul-15
ACT4525 ACTIVE-SEMI-ACT4525_17 Datasheet
648Kb / 12P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 3, 06-Jan-2017
logo
Analog Microelectronics
AME5235 AME-AME5235 Datasheet
794Kb / 15P
   40V 3.5A Buck Converter
logo
Active-Semi, Inc
ACT4525 ACTIVE-SEMI-ACT4525 Datasheet
1Mb / 11P
   40V/3.5A CV/CC Buck Converter with USB Auto ?밆etect
Rev 1.1, December 17th, 2015
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
PREMA Semiconductor.
PR4102 PREMA-PR4102 Datasheet
335Kb / 8P
   Buck Converter with controlled Output Current
logo
Linear Technology
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com